Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-DC9EV Datasheet(PDF) 3 Page - PCE Instruments.

Part # PCE-DC9EV
Description  Clamp Meter PCE-DC 9EV
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DC9EV Datasheet(HTML) 3 Page - PCE Instruments.

  PCE-DC9EV Datasheet HTML 1Page - PCE Instruments. PCE-DC9EV Datasheet HTML 2Page - PCE Instruments. PCE-DC9EV Datasheet HTML 3Page - PCE Instruments. PCE-DC9EV Datasheet HTML 4Page - PCE Instruments. PCE-DC9EV Datasheet HTML 5Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
 
 
Accuracy*
±1.5 % of measured value ± 3 digits (50 / 60
Hz)
 
±2.0 % of measured value ± 4 digits (40 ... 400
Hz)
 
 
Measuring range
900 ... 1000 A DC
Resolution
1 A AC
Accuracy*
±2.0 % of measured value ± 3 digits (50 / 60
Hz)
 
±2.5 % of measured value ± 4 digits (40 ... 400
Hz)
 
 
Overload protection 1000 A AC
TrueRMS, crest factor up to 3%
*With a crest factor of >2%, the accuracy increases by a further 2%
 
 
Frequency
 
Measuring range at 4 A AC
1 ... 10 Hz
Resolution
0.1 Hz
Minimum current
0.2 A AC
Accuracy
±0.5 % of measured value % ± 2 digits
 
 
Measuring range at 4 A AC
10 ... 4 kHz
Resolution
0.1/1 Hz
Minimum current
0.08 A AC
Accuracy
±0.5 % of measured value % ± 2 digits
 
 
Measuring range at 4 A AC
4k ... 40 kHz
Resolution
1/10 Hz
Minimum current
0.20 A AC
Accuracy
±0.5 % of measured value % ± 2 digits
 
 
Measuring range at 40 A AC
1 ... 10 Hz
Resolution
0.1
Minimum current
1.5 A AC
Accuracy
±0.5 % of measured value % ± 2 digits
 
 
Measuring range at 40 A AC
10 ... 4 kHz
Resolution
0.1/1
Minimum current
0.8 A AC
Accuracy
±0.5 % of measured value % ± 2 digits
 
 
Measuring range at 400 A AC
2 ... 4 kHz
Resolution
0.1/1
Minimum current
4 A AC
Accuracy
±0.5 % of measured value % ± 2 digits
 
 
Measuring range at 1000 A AC
1 ... 4 kHz
Resolution
0.1/1
 
 
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com