Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-DC9EV Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-DC9EV
Description  Clamp Meter PCE-DC 9EV
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DC9EV Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-DC9EV Datasheet HTML 1Page - PCE Instruments. PCE-DC9EV Datasheet HTML 2Page - PCE Instruments. PCE-DC9EV Datasheet HTML 3Page - PCE Instruments. PCE-DC9EV Datasheet HTML 4Page - PCE Instruments. PCE-DC9EV Datasheet HTML 5Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Clamp Meter PCE-DC 9EV
Clamp meter with a measuring range of 0 ... 1000 A AC/DC / Frequency measurement
Small and compact design / Inrush current measurement / Ready for immediate use /
25 mm wide clamp opening / Optionally with ISO certification
The clamp meter is a measuring device for the precise determination of electrical currents. With a current clamp diameter of 25 mm and a
measuring range of 0 … 1000 A AC/DC, the clamp meter covers a large part of all measurement tasks. The current measurement is carried out
inductively with the clamp meter. This means that the test objects to be measured do not have to be switched off beforehand. In this way, the
flowing current can be measured during operation. The measured value is displayed numerically and graphically using a bar chart. The compact
design of the clamp meter also enables the measuring device to be easily stowed away in work bags.
Electromobility is playing an increasingly important role. It is therefore important to know the current flow in the lines. The wallbox of an
electric vehicle can be monitored on the primary and secondary side with the clamp meter. The clamp meter can also be used in workshops to
check electric vehicles. The starting current of the electric motors or the on-board current can be checked with the clamp meter.
In addition to the normal measuring mode, the clamp meter can also measure the inrush current. An inrush current measurement with the
clamp meter is particularly necessary when starting up motors, such as ventilation systems, in order to rule out possible sources of error. In
addition, the clamp meter has a low-pass filter function. This function can be used to determine currents in the low frequency range. Currents
up to a frequency of 1 kHz are measured by the current clamp. The clamp meter is used, for example, to measure the current of low-midrange
speakers (woofers).
Inductive current measurement
Measuring range 0 ... 1000 A AC/DC
Backlight
Small and compact design
25 mm / 0.98" wide inner diameter
Inrush current measurement


Similar Part No. - PCE-DC9EV

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-DC1 PCE-PCE-DC1 Datasheet
163Kb / 2P
Current Clamp PCE-DC1
PCE-DC1-ICA PCE-PCE-DC1-ICA Datasheet
873Kb / 2P
Digital Multimeter PCE-DC1-ICA Incl. ISO Calibration Certificate
PCE-DC2 PCE-PCE-DC2 Datasheet
393Kb / 2P
Technical Specification Clamp Meter PCE-DC 2
PCE-DC3 PCE-PCE-DC3 Datasheet
181Kb / 2P
Clamp Meter PCE-DC3
PCE-DC3-ICA PCE-PCE-DC3-ICA Datasheet
191Kb / 2P
Clamp on Tester PCE-DC3-ICA incl. ISO CalibrationCertificate
More results

Similar Description - PCE-DC9EV

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380652 EXTECH-380652 Datasheet
237Kb / 1P
200A AC/DC Mini Clamp Meter
380926 EXTECH-380926 Datasheet
213Kb / 1P
2000A AC/DC Clamp Meter
380950 EXTECH-380950 Datasheet
264Kb / 1P
80A Mini AC/DC Clamp Meter
DC400 EXTECH-DC400 Datasheet
209Kb / 1P
Mini DC Clamp Meter
MA220 EXTECH-MA220 Datasheet
227Kb / 9P
400A AC/DC Clamp Meter
380926 EXTECH-380926_15 Datasheet
213Kb / 1P
2000A AC/DC Clamp Meter
logo
List of Unclassifed Man...
316 ETC2-316 Datasheet
64Kb / 1P
Milli-Amp AC/DC Clamp Meter
logo
Fluke Corporation
303 FLUKE-303 Datasheet
1Mb / 24P
Clamp Meter
319 FLUKE-319 Datasheet
1Mb / 22P
Clamp Meter
logo
PCE Instruments.
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com