Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-DC9EV Datasheet(PDF) 4 Page - PCE Instruments.

Part # PCE-DC9EV
Description  Clamp Meter PCE-DC 9EV
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DC9EV Datasheet(HTML) 4 Page - PCE Instruments.

  PCE-DC9EV Datasheet HTML 1Page - PCE Instruments. PCE-DC9EV Datasheet HTML 2Page - PCE Instruments. PCE-DC9EV Datasheet HTML 3Page - PCE Instruments. PCE-DC9EV Datasheet HTML 4Page - PCE Instruments. PCE-DC9EV Datasheet HTML 5Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
Minimum current
40 A AC
Accuracy
±0.5 % of measured value % ± 2 digits
 
 
Overload protection 1000 A AC
 
 
Inrush current
 
Measuring range
4 A AC
Trigger current (threshold value)
0.2 A AC
Measuring range
40 A AC
Trigger current (threshold value)
2 A AC
Measuring range
400 A AC
Trigger current (threshold value)
20 A AC
Measuring range
1000 A AC
Trigger current (threshold value)
200 A AC
 
 
Integration time 100 ms
Overload protection 1000 A AC/DC
 
 
Alternating current low-pass
filter (LPF)
 
Measuring range
4 A AC
Resolution
0.001 A AC
Accuracy
3 % ±5 digits
Measuring range
40 A AC
Resolution
0.01 A AC
Accuracy
3 % ±5 digits
Measuring range
400 A AC
Resolution
0.1 A AC
Accuracy
3 % ±5 digits
Measuring range
0 ... 900 A AC
Resolution
1 A AC
Accuracy
3 % ±5 digits
Measuring range
900 ... 1000 A AC
Resolution
1 A AC
Accuracy
4 % ±5 digits
 
 
The low-pass filter refers to a frequency up to 1 kHz
 
 
Further specifications
 
All accuracies apply in an environment between 18 ... 28 °C / 64 ... 82 °F
 
 
Clamp meter inner diameter
25 mm / 0.98"
Display
LC display
Measuring range selection
manual
Power supply
2 x 1.5 V AAA batteries
Power consumption
22 mA with background lighting switched off
Measuring rate
3 Hz with numerical view
 
30 Hz with bar graphs
Operating conditions
-10 ... 50 °C / 14 ... 122 °F, <85 % RH, non-
condensing
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com