Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-PCM3 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-PCM3
Description  Clamp Meter PCE-PCM 3
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PCM3 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-PCM3 Datasheet HTML 1Page - PCE Instruments. PCE-PCM3 Datasheet HTML 2Page - PCE Instruments. PCE-PCM3 Datasheet HTML 3Page - PCE Instruments. PCE-PCM3 Datasheet HTML 4Page - PCE Instruments. PCE-PCM3 Datasheet HTML 5Page - PCE Instruments. PCE-PCM3 Datasheet HTML 6Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications
Ambient conditions 23°C / 73.4°F ± 5°C / 41°F, < 75% RH
Measuring function
 
 
Current measurement AC
 
 
Measuring range
Resolution
Accuracy
60 A
0.01 A
± 2% + 8 Dgt
600 A
0.1 A
± 2% + 8 Dgt
1000 A
1 A
± 2% + 8 Dgt
 
 
 
Maximum input current: 1000 A AC
Frequency range: 40 .... 400 Hz
 
 
 
Measuring function
 
 
Inrush current AC
 
 
Measuring range
Resolution
Accuracy
60 A
0.01 A
For reference only
600 A
0.1 A
± 5% + 60 Dgt
1000 A
1 A
± 5% + 60 Dgt
 
 
 
Integral time: 100 ms
 
Measuring range: 20 ... 1000 A
 
Frequency range: 40 .... 400 Hz
 
 
 
Measuring function
 
 
Voltage measurement DC
 
 
Measuring range
Resolution
Accuracy
6V
0.001V
± 0.5% + 5 Dgt
60V
0.01V
± 0.5% + 5 Dgt
600V
0.1V
± 0.5% + 5 Dgt
1000V
1V
± 0.8% + 4 Dgt
 
 
 
Input impedance: 10 MΩ
Maximum input voltage: 750V AC (rms value) or 1000V DC
 
 
 
Measuring function
 
 
Voltage measurement AC
 
 
Measuring range
Resolution
Accuracy
6V
0.001V
± 0.6% + 4 Dgt
60V
0.01V
± 0.6% + 4 Dgt
600V
0.1V
± 0.6% + 4 Dgt
1000V
1V
± 0.8% + 4 Dgt
 
 
 
Input impedance: 10 MΩ
Maximum input voltage: 750V AC (rms value) or 1000V DC
Frequency range: 40 ... 400 Hz
 
 
 
 
 
 
 
More information
Manual
More product info
Similar products



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com