Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-PCM3 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-PCM3
Description  Clamp Meter PCE-PCM 3
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PCM3 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-PCM3 Datasheet HTML 1Page - PCE Instruments. PCE-PCM3 Datasheet HTML 2Page - PCE Instruments. PCE-PCM3 Datasheet HTML 3Page - PCE Instruments. PCE-PCM3 Datasheet HTML 4Page - PCE Instruments. PCE-PCM3 Datasheet HTML 5Page - PCE Instruments. PCE-PCM3 Datasheet HTML 6Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Clamp Meter PCE-PCM 3
Clamp meter PCE-PCM 3
Digital multimeter for single-phase measurement / NCV measurement / W / VA / Var /Inrush Current / 1000 A AC Current
Measurement / Bluetooth Interface / Frequency Measurement / Backlight / Voltage measurement / 750 kW power 
With the digital multimeter AC currents of up to 1000 A AC can be measured easily. At the same time, voltages of up to 1000V AC / DC can be
measured with the digital multimeter. Thus, with the power current clamp, apparent power, reactive power and active power measurements up
to 750 KW are possible. Another function of the digital multimeter is the measurement of the inrush current. Many consumers have a
tremendously high current at the moment of switch-on. With a conventional digital multimeter such a measurement is not possible. For the
digital multimeter this is not a problem.
With the NCV (Not Connected Voltage) function of the digital multimeter, it can be checked whether a voltage is applied to a line without
performing a contacting measurement. This makes the work much easier for the user thanks to the digital multimeter. In addition to the
measuring function, the digital multimeter can also be connected to a terminal via the Bluetooth interface. Via this Bluetooth interface, the
measured data can be transmitted directly from the digital multimeter to the terminal, where it can be logged, analyzed and sent.
Apparent / active / reactive power
Measurement up to the 20th harmonic
"Not Connected Voltage" function
Inrush current measurement
Current measurement up to 1000 A AC
Bluetooth interface


Similar Part No. - PCE-PCM3

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-PCM1 PCE-PCE-PCM1 Datasheet
165Kb / 2P
Clamp Meter PCE-PCM 1
More results

Similar Description - PCE-PCM3

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
DC400 EXTECH-DC400 Datasheet
209Kb / 1P
Mini DC Clamp Meter
MA200 EXTECH-MA200 Datasheet
282Kb / 8P
400A AC Clamp Meter
EX720 EXTECH-EX720 Datasheet
301Kb / 1P
800A Clamp Meter
380976-K EXTECH-380976-K_15 Datasheet
277Kb / 1P
1? 3? 1000A AC Power Clamp Meter
EX700 EXTECH-EX700 Datasheet
301Kb / 1P
800A Clamp Meter
EX710 EXTECH-EX710_15 Datasheet
301Kb / 1P
800A Clamp Meter
logo
Fluke Corporation
303 FLUKE-303 Datasheet
1Mb / 24P
Clamp Meter
319 FLUKE-319 Datasheet
1Mb / 22P
Clamp Meter
logo
List of Unclassifed Man...
CL445 ETC-CL445 Datasheet
6Mb / 2P
HVAC CLAMP METER
logo
PCE Instruments.
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com