Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-PCM3 Datasheet(PDF) 4 Page - PCE Instruments.

Part # PCE-PCM3
Description  Clamp Meter PCE-PCM 3
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PCM3 Datasheet(HTML) 4 Page - PCE Instruments.

  PCE-PCM3 Datasheet HTML 1Page - PCE Instruments. PCE-PCM3 Datasheet HTML 2Page - PCE Instruments. PCE-PCM3 Datasheet HTML 3Page - PCE Instruments. PCE-PCM3 Datasheet HTML 4Page - PCE Instruments. PCE-PCM3 Datasheet HTML 5Page - PCE Instruments. PCE-PCM3 Datasheet HTML 6Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
 
Duty cycle with the
Frequency range: 10 ... 1 kHz
Voltage measurement function
Input current: 1 ... 750V AC (rms value)
 
Input impedance: 1MΩ
 
 
 
Measuring function
 
 
Resistivity
 
 
Measuring range
Resolution
Accuracy
600 Ω
0.1 Ω
± 0.8% + 3 Dgt
6 kΩ
0.001 kΩ
± 0.8% + 3 Dgt
60 kΩ
0.01 kΩ
± 0.8% + 3 Dgt
600 kΩ
0.1 kΩ
± 0.8% + 3 Dgt
6 MΩ
0.001 MΩ
± 2% + 5 Dgt
60 MΩ
0.1 MΩ
± 2% + 5 Dgt
 
 
 
Measuring voltage: approx. 0.78V
Overvoltage protection: 750V DC, 1000V AC (rms value)
 
 
 
Measuring function
 
 
Continuity test
 
 
Measuring range
Resolution
Accuracy
600 Ω
0.1 Ω
-
 
 
 
Acoustic signal at < 50 Ω
Test voltage: 1.48V
Overvoltage protection: 750V DC, 1000V AC (rms value)
 
 
 
Measuring function
 
 
Capacitance measurement
 
 
Measuring range
Resolution
Accuracy
9.999 nF
0.001 nF
± 3% + 5 Dgt
99.99 n.f.
0.01 nF
± 3% + 5 Dgt
999.9 nF
0.1 nF
± 3% + 5 Dgt
9.999 μF
0.001 μF
± 3% + 5 Dgt
99.99 μF
0.01 μF
± 3% + 5 Dgt
999.9 μF
0.1 μF
± 3% + 5 Dgt
9,999mF
0.001 mF
± 3% + 5 Dgt
99.99 mF
0.01 mF
± 3% + 5 Dgt
 
 
 
Overvoltage protection: 750V DC, 1000V AC (rms value)
 
 
 
Measuring function
 
 
Diode measurement
 
 
Measuring range
Resolution
Accuracy
3V 
0.001V
-
 
 
 
DC anode side: approx. 1-mA
DC cathode side: approx. 3.2V
Overvoltage protection: 750V DC, 1000V AC (rms value)
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com