Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3352AT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCD3352AT
Description  8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3352AT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCD3352AT Datasheet HTML 2Page - NXP Semiconductors PCD3352AT Datasheet HTML 3Page - NXP Semiconductors PCD3352AT Datasheet HTML 4Page - NXP Semiconductors PCD3352AT Datasheet HTML 5Page - NXP Semiconductors PCD3352AT Datasheet HTML 6Page - NXP Semiconductors PCD3352AT Datasheet HTML 7Page - NXP Semiconductors PCD3352AT Datasheet HTML 8Page - NXP Semiconductors PCD3352AT Datasheet HTML 9Page - NXP Semiconductors PCD3352AT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
1999 Oct 28
6
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator
and 128 bytes EEPROM
PCA3351C; 52C; 53C;
PCD3351A; 52A; 53A
5
PINNING INFORMATION
5.1
Pinning
Fig.2 Pin configuration for DIP28 (SOT117-1) and SO28 (SOT136-1).
handbook, halfpage
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
T1
XTAL1
XTAL2
RESET
CE/T0
P1.0
P1.1
P0.0
P2.3
P2.2
P2.1
TONE
VSS
VDD
P2.0
P1.7/MDY
P1.6
P1.5
P1.4
P1.3
P1.2
PCA335xC
PCD335xA
(1)
MLA538
(1) PCA335xC denotes:
PCA3351C, PCA3352C or
PCA3353C.
PCD335xA denotes:
PCD3351A, PCD3352A or
PCD3353A.
Fig.3 Pin configuration for LQFP32 (SOT358-1).
handbook, full pagewidth
MGB795
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
n.c.
P0.5
P0.6
P0.7
T1
XTAL1
XTAL2
RESET
n.c.
P1.6
P2.0
P2.1
TONE
VSS
VDD
P1.7/MDY
PCA335xCH
PCD335xAH
(1)
(1) PCA335xCH denotes:
PCA3351CH, PCA3352CH or
PCA3353CH.
PCD335xAH denotes:
PCD3351AH, PCD3352AH or
PCD3353AH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com