Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3352AT Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCD3352AT
Description  8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3352AT Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCD3352AT Datasheet HTML 9Page - NXP Semiconductors PCD3352AT Datasheet HTML 10Page - NXP Semiconductors PCD3352AT Datasheet HTML 11Page - NXP Semiconductors PCD3352AT Datasheet HTML 12Page - NXP Semiconductors PCD3352AT Datasheet HTML 13Page - NXP Semiconductors PCD3352AT Datasheet HTML 14Page - NXP Semiconductors PCD3352AT Datasheet HTML 15Page - NXP Semiconductors PCD3352AT Datasheet HTML 16Page - NXP Semiconductors PCD3352AT Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
1999 Oct 28
13
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator
and 128 bytes EEPROM
PCA3351C; 52C; 53C;
PCD3351A; 52A; 53A
Fig.5 Block diagram of the EEPROM and Timer 2.
handbook, full pagewidth
MGB824
2
TIMER 2 RELOAD REGISTER
EEPROM CONTROL REGISTER
EEPROM TEST REGISTER
EEPROM ADDRESS REGISTER
2 : 4 DECODER
8
8
TIMER 2 REGISTER (T2)
INTERNAL
BUS
F0
EEPROM LATCH 0
F1
EEPROM LATCH 1
F2
EEPROM LATCH 2
F3
EEPROM LATCH 3
5 : 32 DECODER
128-byte EEPROM ARRAY
(32 4-byte PAGES)
8
8
8
8
8
8
8
5
T2F set on
underflow
fxtal
1
480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com