Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3352AT Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCD3352AT
Description  8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3352AT Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCD3352AT Datasheet HTML 14Page - NXP Semiconductors PCD3352AT Datasheet HTML 15Page - NXP Semiconductors PCD3352AT Datasheet HTML 16Page - NXP Semiconductors PCD3352AT Datasheet HTML 17Page - NXP Semiconductors PCD3352AT Datasheet HTML 18Page - NXP Semiconductors PCD3352AT Datasheet HTML 19Page - NXP Semiconductors PCD3352AT Datasheet HTML 20Page - NXP Semiconductors PCD3352AT Datasheet HTML 21Page - NXP Semiconductors PCD3352AT Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
1999 Oct 28
18
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator
and 128 bytes EEPROM
PCA3351C; 52C; 53C;
PCD3351A; 52A; 53A
7.5.5
ERASE PAGE
The EEPROM flags are set as described in Section 7.5.1.
The corresponding page bytes are erased.
The last instruction also starts Timer 2. Erasure takes
5 ms. A single-byte erase is simply a special case of ‘erase
page’.
Note that ADDR does not auto-increment after an erase
cycle.
Table 23 Erase page
7.6
Timer 2
Timer 2 is a 8-bit down-counter decremented at a rate of
1
⁄480 × fxtal. It may be used either for EEPROM timing or as
a general purpose timer. Conflicts between the two
applications should be carefully avoided.
7.6.1
TIMER 2 FOR EEPROM TIMING
When used for EEPROM timing, Timer 2 serves to
generate the 5 ms intervals needed for erasing or writing
the EEPROM. At the decrement rate of 1
⁄480 × fxtal, the
reload value for a 5 ms interval is a function of fxtal.
Table 24 summarizes the required reload values for a
number of oscillator frequencies.
Timer 2 is started by setting bit EWP in the EPCR.
The Timer Register T2 is loaded with the reload value from
RELR. T2 decrements to zero.
For an erase/write cycle, underflow of T2 indicates the end
of the erase operation. Therefore, Timer Register T2 is
reloaded from RELR for another 5 ms interval during
which the flagged EEPROM latches are copied to the
corresponding bytes in the page addressed by ADDR.
INSTRUCTION
RESULT
MOV A, #EWP + MC3 + MC2 + MC1
‘erase page’
control word
MOV EPCR, A
start ‘erase
page’ cycle
The second underflow of an erase/write cycle and the first
underflow of write page and erase page conclude the
corresponding EEPROM cycle. Timer 2 is stopped, T2F is
set whereas EWP and MC1 to MC3 are cleared.
Table 24 Reload values as a function of fxtal
Note
1. The reload value is (5
× 10−3 × 1⁄480 × fxtal) − 1;
fxtal in MHz.
7.6.2
TIMER 2 AS A GENERAL PURPOSE TIMER
When used for purposes other than EEPROM timing,
Timer 2 is started by setting STT2. The Timer Register T2
(see Table 27) is loaded with the reload value from RELR.
T2 decrements to zero. On underflow, T2 is reloaded from
RELR, T2F is set and T2 continues to decrement.
Timer 2 can be stopped at any time by clearing STT2.
The value of T2 is then held and can be read out. After
setting STT2 again, Timer 2 decrements from the reload
value. Alternatively, it is possible to read T2 ‘on the fly’ i.e.
while Timer 2 is operating.
fxtal
(MHz)
RELOAD VALUE(1)
(HEX)
10A
214
3.58
25
63E
10
68
16
A6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com