Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-DC2 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-DC2
Description  Technical Specification Clamp Meter PCE-DC 2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DC2 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-DC2 Datasheet HTML 1Page - PCE Instruments. PCE-DC2 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCE Americas Inc.
711 Commerce Way
Suite 8
Jupiter
FL-33458
USA
From outside US: +1
Tel: (561) 320-9162
Fax: (561) 320-9176
info@pce-americas.com
PCE Instruments UK Ltd.
Units 12/13
Southpoint Business Park
Ensign way
Hampshire / Southampton
United Kingdom, SO31 4RF
From outside UK: +44
Tel: (0) 2380 98703 0
Fax: (0) 2380 98703 9
info@pce-instruments.com
www.pce-instruments.com/english
www.pce-instruments.com
Technical Specification Clamp Meter PCE-DC 2
Digital Voltmeter for measuring AC/DC current, AC voltage and resistance,
with a maximum aperture of 18mm
The PCE-DC2 Voltmeter has been designed to detect, indirectly, AC/DC current and ohms. The clamp has white LEDs
integrated to allow for the point of measurement to be illuminated, and a function to test the voltage without contact.
The reduced dimensions of this device allow for measurements to be taken in places with limited access. The backlit
display ensures that it is easy to read, even in places with limited light available, such as electrical cabinets or in
cabling ducts. Testing voltage without contact helps when detecting dangerous power lines, and it allows makes it
easier to detect the location of cuts in power lines.
- LCD with 3 2/3 positions, backlit, clamp for continuous current
- Measures AC/DC current, AC voltage and frequency
- Memory function, zero reset for the DCA, test voltage without contact
- Illumination of the point of measurement
- Automatic range selection
- Auto shut-off
- Aperture of the clamp: 18mm
Technical Specifications
AC current
(50/60 Hz) real effective value
Sector / accuracy
200 AAC / ±2.5% + 8 digits
DC current
Sector / accuracy
200 ADC / ±2.0% + 5 digits
Testing AC voltage (50/60Hz) real effective value
600 VAC ±(1.5% + 8 digits)
Testing DC voltage
600 VDC ±(1.5% + 2 digits)
Ohms
999.9 Ω ±(1.5% + 8 digits)
Illumination of measurement point
white LEDs
Diameter of the conductor
maximum of 18mm
Display
backlit LCD with 3 2/3 positions
Power
2 AAA batteries
Enclosure
PVC
Dimensions
164 x 65 x 32mm
Weight
175g
Standards
EN61010-1; CAT II / 600 V
EN61010-2-032; CAT III / 300 V


Similar Part No. - PCE-DC2

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-DC1 PCE-PCE-DC1 Datasheet
163Kb / 2P
Current Clamp PCE-DC1
PCE-DC1-ICA PCE-PCE-DC1-ICA Datasheet
873Kb / 2P
Digital Multimeter PCE-DC1-ICA Incl. ISO Calibration Certificate
PCE-DC3 PCE-PCE-DC3 Datasheet
181Kb / 2P
Clamp Meter PCE-DC3
PCE-DC3-ICA PCE-PCE-DC3-ICA Datasheet
191Kb / 2P
Clamp on Tester PCE-DC3-ICA incl. ISO CalibrationCertificate
PCE-DC41 PCE-PCE-DC41 Datasheet
460Kb / 2P
Clamp Meter PCE-DC 41
More results

Similar Description - PCE-DC2

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380652 EXTECH-380652 Datasheet
237Kb / 1P
200A AC/DC Mini Clamp Meter
380926 EXTECH-380926 Datasheet
213Kb / 1P
2000A AC/DC Clamp Meter
380950 EXTECH-380950 Datasheet
264Kb / 1P
80A Mini AC/DC Clamp Meter
DC400 EXTECH-DC400 Datasheet
209Kb / 1P
Mini DC Clamp Meter
MA220 EXTECH-MA220 Datasheet
227Kb / 9P
400A AC/DC Clamp Meter
380926 EXTECH-380926_15 Datasheet
213Kb / 1P
2000A AC/DC Clamp Meter
logo
List of Unclassifed Man...
316 ETC2-316 Datasheet
64Kb / 1P
Milli-Amp AC/DC Clamp Meter
logo
Fluke Corporation
303 FLUKE-303 Datasheet
1Mb / 24P
Clamp Meter
319 FLUKE-319 Datasheet
1Mb / 22P
Clamp Meter
logo
PCE Instruments.
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com