Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8550DB Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA8550DB
Description  4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8550DB Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA8550DB Datasheet HTML 1Page - NXP Semiconductors PCA8550DB Datasheet HTML 2Page - NXP Semiconductors PCA8550DB Datasheet HTML 3Page - NXP Semiconductors PCA8550DB Datasheet HTML 4Page - NXP Semiconductors PCA8550DB Datasheet HTML 5Page - NXP Semiconductors PCA8550DB Datasheet HTML 6Page - NXP Semiconductors PCA8550DB Datasheet HTML 7Page - NXP Semiconductors PCA8550DB Datasheet HTML 8Page - NXP Semiconductors PCA8550DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
PCA8550
4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
1998 Sep 29
4
MSB
LSB
00
NON-
MUXED
DATA
MUX
DATA D
0
MUX
DATA C
SW00219
MUX
DATA B
MUX
DATA A
Figure 2. I2C Data Byte
BLOCK DIAGRAM
5-BIT EEPROM
0
SELECT
NON_MUX_OUT
14
1
3.3V
3.3V
3.3V
3.3V
2.5V
2.5V
2.5V
2.5V
A20M#
MUX_OUT A
/FSBM0
IGNNE#
MUX_OUT B
/FSBM1
LINT1/NMI
MUX_OUT C
/FSBM2
LINT0/INTR
MUX_OUT D
/FSBM3
OE#
13
3
1
2
15
4
5
6
7
CHIP
SET
SCL
I2C CLOCK
SDA
I2C DATA
WRITE
PROTECT
A20M#
MUX_IN A
IGNNE#
MUX_IN B
LINT1/NMI
MUX_IN C
LINT0/INTR
MUX_IN D
VCC3.3 = 16
GND = 8
OVERRIDE#
CRESET#
MUX_SELECT
10–30k
Ω
100–150k
Ω
10–30k
Ω
PENTIUM PRO/
PENTIUM II
PROCESSORS
12
11
10
9
SW00347
10–30k
Ω
NMO
LATCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com