Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8550DB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA8550DB
Description  4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8550DB Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA8550DB Datasheet HTML 2Page - NXP Semiconductors PCA8550DB Datasheet HTML 3Page - NXP Semiconductors PCA8550DB Datasheet HTML 4Page - NXP Semiconductors PCA8550DB Datasheet HTML 5Page - NXP Semiconductors PCA8550DB Datasheet HTML 6Page - NXP Semiconductors PCA8550DB Datasheet HTML 7Page - NXP Semiconductors PCA8550DB Datasheet HTML 8Page - NXP Semiconductors PCA8550DB Datasheet HTML 9Page - NXP Semiconductors PCA8550DB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
PCA8550
4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
1998 Sep 29
6
DC CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
Temp = 0
°C to +70°C
3.0V
< VCC ≤ 3.6V
UNIT
MIN
MAX
SCL, SDA
VOL
IOL (VOL = 0.4V)
IOL (VOL = 0.6V)
IIL (VIL = 0.4V)
IIH (VIH = 2.4V)
VHYS1
0
–7
–1.5
0.19
0.6
3.0
6.0
–32
–12
V
mA
mA
µA
µA
V
OVERRIDE#, WP,
MUX_SELECT
IIL
IIH
–86
–20
–267
–100
µA
MUX A
⇒ D
IIL (VIL = 0.4V)
IIH (VIH = 2.4V)
–0.72
–0.166
–2.0
–0.75
mA
MUX_OUT
VOL (IOL = 100µA)
VOL (IOL = 2.0mA)
VOH (IOH = –100µA)
VOH (IOH = –1.0mA)
–0.3
–0.3
2.0
1.7
0.4
0.7
2.625
2.625
V
NON_MUXED_OUT
VOL (IOL = 100µA)
VOL (IOL = 2.0mA)
VOH (IOH = –100µA)
VOH (IOH = –2.0mA)
–0.5
–0.5
2.4
2.0
0.4
0.7
3.6
3.6
V
ICC
Quiescent supply current (VCC = 3.3V)
VI = 0V to VCC
10
mA
ICC
Quiescent supply current
VI = VCC
500
µA
CIN
All inputs
10
pF
ESD protection
2.0
KV
Input diode clamp voltage
–1.5
V
NOTES:
1. VHYS is the hysteresis of Schmitt-Trigger inputs
2. Human body model
NON-VOLATILE STORAGE SPECIFICATIONS
Parameter
Specification
Memory cell data retention
10 years min
Number of memory cell write cycles
1,000 cycles min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com