Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8550DB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA8550DB
Description  4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8550DB Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA8550DB Datasheet HTML 1Page - NXP Semiconductors PCA8550DB Datasheet HTML 2Page - NXP Semiconductors PCA8550DB Datasheet HTML 3Page - NXP Semiconductors PCA8550DB Datasheet HTML 4Page - NXP Semiconductors PCA8550DB Datasheet HTML 5Page - NXP Semiconductors PCA8550DB Datasheet HTML 6Page - NXP Semiconductors PCA8550DB Datasheet HTML 7Page - NXP Semiconductors PCA8550DB Datasheet HTML 8Page - NXP Semiconductors PCA8550DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
PCA8550
4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
1998 Sep 29
3
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1
I2C SCL
I2C bus clock
2
I2C SDA
Bi-directional I2C bus data
3
OVERRIDE#
Forces all outputs to logic 0
4
MUX_IN A
5
MUX_IN B
External inputs to multiplexer
6
MUX_IN C
External in uts to multi lexer
7
MUX_IN D
8
GND
Common ground voltage rail
9
MUX_OUT D
10
MUX_OUT C
2 5V multiplexed output
11
MUX_OUT B
2.5V multi lexed out ut
12
MUX_OUT A
13
MUX_SELECT
Selects MUX_IN inputs or
register contents for
MUX_OUT outputs
14
NON_MUXED_OUT
TTL-level output from
non-volatile memory
15
WP
Non-volatile register
write-protect
16
VCC
Positive voltage rail
FUNCTION TABLE
Table 1. Function table
OVERRIDE
#
MUX_SELECT
MUX_OUT
OUTPUTS
NON_MUXED_OUT
OUTPUT
0
0
All 0’s
All 0’s
0
1
MUX_IN
inputs
Latched
NON_MUXED_OUT1
1
0
From non-
volatile
register
From non-volatile
register
1
1
MUX_IN
inputs
From non-volatile
register
NOTE
1. Latched NON_MIXED_OUT state will be the value present on
the NON_MUXED_OUT output at the time of the MUX_SELECT
input transitioned from a logic 0 to a logic 1 state.
I2C Interface
Communicating with this device is initiated by sending a valid address on the I2C bus. The address format (see FIgure 1) is a fixed unique 7-bit
value followed by a 1-bit read/write value which determines the direction of the data transfer.
SW00218
MSB
LSB
11
1
0
R/W#
10
0
Figure 1. I2C Address Byte
Following the address and acknowledge bit are 8 data bits which, depending on the read/write bit in the address, will read data from or write
data to the non-volatile register. Data will be written to the register if the read/write bit is logic 0 and the WP input is logic 0. Data will be read
from the register if the bit is logic 1. The three high-order bits (see FIgure 2) are logic 0. The next bit is data which is non-multiplexed. The low
four bits are the data which will be multiplexed. A write with any of the first three bits non-zero will be aborted.
NOTE:
1. To ensure data integrity, the non-volatile register must be internally write protected when VCC to the I2C bus is powered down or VCC to the
component is dropped below normal operating levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com