Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP188 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AXP188
Description  Single Cell Li-Battery and Power System Management IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AXP188 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AXP188 Datasheet HTML 4Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 5Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 6Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 9Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 10Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 7/46
Single Cell Li-Battery -and Power System Management IC
AXP188
5.电气特性(Electrical Characteristics)
VIN =5V, BAT=3.7V, TA= 25℃
SYNMBOL
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNITS
DCIN Regulator
VIN
DCIN Input Voltage
3.8
6.2
V
IOUT
VOUT
Current
Available
Before Loading BAT
2000
mA
VUVLO
DCIN
Under
Voltage
Lockout
3.4
V
VOUT
IPS Output Voltage
2.9
5.1
V
RDCIN
PMOS On Resistance of
Power Path(PIN to PIN)
300
m
Battery Charger
4.2
4.1
VTARGET
BAT
Regulated
Output
Voltage
-0.5%
4.36
+0.5%
V
ICHRG
Charge Current
Default
700
1500
mA
ITRKL
Trickle Charge Current
10%*
ICHRG
mA
VTRKL
Trickle Charge Threshold
Voltage
3.0
V
ΔVRECHG
Recharge
Battery
Threshold Voltage
Threshold
Voltage
Relative to VTARGET
-200
mV
TTERM1
Charger
Safety
Timer
Termination Time
Trickle Mode
30
Mins
TTERM2
Charger
Safety
Timer
Termination Time
CC/CV Mode
420
Mins
TEND
End of Charge Indication
Current Ratio
10%*
ICHRG
mA
NTC
VCOLD
Cold
Temperature
Fault
Threshold Voltage
Rising Threshold
Hysteresis
0.755
%VIN
VHOT
Hot
Temperature
Fault
Threshold Voltage
Rising Threshold
Hysteresis
0.365
%VIN
VDIS
NTC
Disable
Threshold
Voltage
Falling Threshold
Hysteresis
0.016
%VIN
Ideal Diode
PIN to PIN
150
180
RDROPOUT
Internal
Diode
On
Resistance, Dropout
Rds(on)
100
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com