Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP188 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AXP188
Description  Single Cell Li-Battery and Power System Management IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AXP188 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AXP188 Datasheet HTML 6Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 9Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 10Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP188 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 9/46
Single Cell Li-Battery -and Power System Management IC
AXP188
SYNMBOL
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNITS
LDO1
VLDO1
Output Voltage
ILDO1=1mA
-0.5%
1.25
0.5%
V
ILDO1
Output Current
15
mA
LDO2
VLDO2
Output Voltage
ILDO2=1mA
-1%
3
1%
V
ILDO2
Output Current
150
mA
IQ2
Quiescent Current
28
µA
PSRR2
Power Supply Rejection Ratio
ILDO2=60mA, 1KHz
62
dB
eN2
Output Noise
29
µVRMS
LDO3
DC3SET=High
ILDO3=1mA
1.8
VLDO3
Output Voltage
DC3SET=Low
-1%
2.5
1%
V
ILDO3
Output Current
400
mA
IQ3
Quiescent Current
28
µA
LDO4
VLDO4
Output Voltage
ILDO4=1mA
-1%
3.3
1%
V
ILDO4
Output Current
200
mA
IQ4
Quiescent Current
28
µA
PSRR4
Power Supply Rejection Ratio
ILDO4=10mA, 1KHz
TBD
dB
eN4
Output Noise
34
µVRMS
LDO5
VLDO5
Output Voltage
ILDO5=1mA
-1%
3.3
1%
V
ILDO5
Output Current
200
mA
IQ4
Quiescent Current
28
µA
PSRR5
Power Supply Rejection Ratio
ILDO5=10mA, 1KHz
TBD
dB
eN5
Output Noise
30
µVRMS
SW1
ISW1LIM
Limit Current
300
mA
RSW1P
PMOS RDS(ON)
700
m
SW2
ISW2LIM
Limit Current
150
mA
RSW2P
PMOS RDS(ON)
1300
m
CDOUTPL/CDOUTNL/CDOUTPR/CDOUTNR
VCDPWRIN
Input Voltage
3.3
5.1
V
RCDPWRINP
PMOS RDS(ON)
800
m
RCDPWRINN
NMOS RDS(ON)
700
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com