Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCM095 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # VCM095
Description  Pressure switches and pressure monitors for overpressure
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VCM095 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button VCM095 Datasheet HTML 12Page - List of Unclassifed Manufacturers VCM095 Datasheet HTML 13Page - List of Unclassifed Manufacturers VCM095 Datasheet HTML 14Page - List of Unclassifed Manufacturers VCM095 Datasheet HTML 15Page - List of Unclassifed Manufacturers VCM095 Datasheet HTML 16Page - List of Unclassifed Manufacturers VCM095 Datasheet HTML 17Page - List of Unclassifed Manufacturers VCM095 Datasheet HTML 18Page - List of Unclassifed Manufacturers VCM095 Datasheet HTML 19Page - List of Unclassifed Manufacturers VCM095 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
34
Mechanical pressure switches
S2 type series
Switching scheme
Switching device
Ordering position
Additional text
A1
A
DCM6-217A-S
Switching scheme A1
A2
C
DCM6-217C-S
Switching scheme A2
A3
C
DCM6-217C-S
Switching scheme A3
A4
A
DCM6-217A-S
Switching scheme A4
B1
B
DCM6-217B-S
Switching scheme B1
B2
D
DCM6-217D-S
Switching scheme B2
B3
D
DCM6-217D-S
Switching scheme B3
B4
B
DCM6-217B-S
Switching scheme B4
C1
B
DCM6-217B-S
Switching scheme C1
C2
D
DCM6-217D-S
Switching scheme C2
C3
D
DCM6-217D-S
Switching scheme C3
C4
B
DCM6-217B-S
Switching scheme C4
D1
A
DCM6-217A-S
Switching scheme D1
D2
C
DCM6-217C-S
Switching scheme D2
D3
C
DCM6-217C-S
Switching scheme D3
D4
A
DCM6-217A-S
Switching scheme D4
Note on ordering additional function ZF217
FEMA pressure switches of the
DCM (except
DCM1000, DCM4016 and DCM4025),
VCM
(except VCM4156),
VNM, DNS, VNS series can
be equipped with 2 microswitches.
This is not possible with any other type
series or with Ex versions.
Technical data
Standard equipment
The standard equipment of every two-stage
pressure switch includes a switching device
with 2 microswitches, both single-pole
switching. Switch I monitors the low pressure,
switch II the higher pressure. The setting
ranges indicated in the data sheets for the
basic types apply to the two-stage pressure
switches as well. It should be noted that the
switching differentials of the individual
microswitches may not be exactly the same
due to component tolerances.
Switching difference
The switching interval of the two microswitches
is the difference (in bar or mbar) between the
switching points of the two micro switches.
Example for ZF307:
When the pressure rises (e.g. 2.8 bar), a
two-stage pressure switch turns on a warning
light, and if the pressure continues to rise (e.g.
3.2 bar) the system shuts down. The switching
interval is 3.2-2.8 = 0.4 bar. The following
applies to all versions:
The switching interval remains constant over
the whole setting range of the pressure switch.
If the switching pressure setting is changed
with the setting spindle, the switching interval
does not change - the switching points are
moved in parallel.
Switching differential
The switching differential, i.e. the hysteresis of
the individual micro switches, corresponds to
the values of the relevant basic version referred
to in the Product summary. In the case of
two-stage pressure switches,
the switching
differential of the individual micro switches
is not adjustable.
Versions
Two-stage pressure switches are available in
three different versions, each identified by a ZF
number. The versions differ in terms of their
connection schemes and electrical connection
types (terminal or plug connection).
S2 type series
Pressure switches with 2 microswitches - technical data
The applicable data sheet for the basic types contains the technical data for the two-stage pressure
switches. This includes all limits of use, such as temperature, maximum pressure, mounting position,
protection class, electrical data etc. The principal dimensions are the same as for single-stage
pressure switches with comparable pressure ranges and design features.
ZF307
Factory setting
according to
customer’s
instruction
Switching difference
fixed
Terminal
connection
(All terminals
of both
microswitches
are accessible
(6 terminals)
2 x single-pole
switching
1. Basic type with ZF 307
2. Switching points I
and II, with direction
of action in each
case (rising or falling
pressure)
Example: DCM16-307
Switching point I:
10 bar falling
Switching point II:
12 bar falling or
switching interval only.
ZF217
Adjustable
via adjustment
knobs I and II in
accordance with
"Switching
difference" table
Plug connection
in accordance with
DIN EN175301
(3-prong + earth
conductor)
Function-
appropriate
internal wiring in
accordance with
"Switching
functions" table
Example selection
in accordance
with "Switching
schemes" table,
page 36.
1. Basic type with
ZF217
2.
Switching scheme
For example:
DCM16-217/B 4
Since all values are
adjustable within the
specified limits, no
further data is required.
Additional Switching difference Electrical
Connection
Ordering
function
between the two
connection
diagram
information required
micro switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com