Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCM095 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VCM095
Description  Pressure switches and pressure monitors for overpressure
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VCM095 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VCM095 Datasheet HTML 1Page - List of Unclassifed Manufacturers VCM095 Datasheet HTML 2Page - List of Unclassifed Manufacturers VCM095 Datasheet HTML 3Page - List of Unclassifed Manufacturers VCM095 Datasheet HTML 4Page - List of Unclassifed Manufacturers VCM095 Datasheet HTML 5Page - List of Unclassifed Manufacturers VCM095 Datasheet HTML 6Page - List of Unclassifed Manufacturers VCM095 Datasheet HTML 7Page - List of Unclassifed Manufacturers VCM095 Datasheet HTML 8Page - List of Unclassifed Manufacturers VCM095 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
20
Mechanical pressure switches
Definitions
Definitions
Pressure data
Overpressure
Pressure
over the relevant atmospheric pressure. The reference point is
atmospheric pressure.
Vacuum
Pressure
under the relevant atmospheric pressure. The reference point is
atmospheric pressure.
Absolute pressure
Overpressure relative to absolute vacuum.
Differential pressure Difference in pressure between 2 pressure measuring points.
Relative pressure
Overpressure or vacuum relative to atmospheric pressure.
Pressure data in all FEMA documents refers to relative pressure.
That is to say, it concerns pressure differentials relative to atmospheric pressure.
Overpressures have a positive sign, vacuums a negative sign.
Permissible working pressure (maximum permissible pressure)
The maximum working pressure is defined as the upper limit at which the operation, switching reliability
and water tightness are in no way impaired (for values see Product summary).
Bursting pressure (test pressure)
Type-tested products undergo a pressure test certified by TÜV affirming that the bursting pressure
reaches at least the values mentioned in the Product summary. During the pressure tests the measuring
bellows are permanently deformed, but the pressurized parts do not leak or burst. The bursting pressure
is usually a multiple of the permissible working pressure.
Setting range
Pressure range in which the cutoff pressure can be set with the setting spindle.
Pressure units
Important:
All pressure data refers to overpressures or vacuums relative to atmospheric pressure.
Overpressures have a positive sign, vacuums a negative sign.
Unit
bar
mbar
Pa
kPa
MPa
(psi) Ib/m2
1 bar
1
1000
105
100
0.1
14.5
1 mbar
0.001
1
100
0.1
10-4
0.0145
1 Pa
10-5
0.01
1
0.001
10-6
1.45 · 10-4
1 kPa
0,01
10
1000
1
0.001
0,145
1 MPa
10
104
106
1000
1
145
In FEMA documents pressures are stated in
bar or mbar.
Pressure data for a pressure
switchbased on the example
of DWR625:
Setting range: 0.5-6 bar
Perm. working pressure: 20 bar
Bursting pressure: >100 bar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com