Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCM095 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # VCM095
Description  Pressure switches and pressure monitors for overpressure
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VCM095 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  VCM095 Datasheet HTML 1Page - List of Unclassifed Manufacturers VCM095 Datasheet HTML 2Page - List of Unclassifed Manufacturers VCM095 Datasheet HTML 3Page - List of Unclassifed Manufacturers VCM095 Datasheet HTML 4Page - List of Unclassifed Manufacturers VCM095 Datasheet HTML 5Page - List of Unclassifed Manufacturers VCM095 Datasheet HTML 6Page - List of Unclassifed Manufacturers VCM095 Datasheet HTML 7Page - List of Unclassifed Manufacturers VCM095 Datasheet HTML 8Page - List of Unclassifed Manufacturers VCM095 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
22
Mechanical pressure switches
General description
Operating mode
The pressure prevailing in the sensor housing (
1) acts on the measuring bellows (2). Changes in
pressure lead to movements of the measuring bellows (
2) which are transmitted via a thrust pin
(
4) to the connecting bridge (5). The connecting bridge is frictionlessly mounted on hardened points
(
6). When the pressure rises the connecting bridge (5) moves upwards and operates the microswitch
(
7). A counter-force is provided by the spring (8), whose pre-tension can be modified by the adjusting
screw (
9) (switching point adjustment). Turning the setting spindle (9) moves the running nut (10) and
modifies the pre-tension of the spring (
8). The screw (11) is used to calibrate the microswitch in the
factory. The counter pressure spring (
12) ensures stable switching behaviour, even at low setting values.
Pressure sensors
Apart from a few exceptions in the low-pressure range, all pressure sensors have measuring bellows,
some made of copper alloy, but the majority of high-quality stainless steel. Measured on the basis of
permitted values, the measuring bellows are exposed to a minimal load and perform only a small lifting
movement. This results in a long service life with little switching point drift and high operating reliability.
Furthermore, the stroke of the bellows is limited by an internal stop so that the forces resulting from
the overpressure cannot be transmitted to the switching device. The parts of the sensor in contact with
the medium are welded together without filler metals. The sensors contain no seals. Copper bellows,
which are used only for low pressure ranges, are soldered to the sensor housing. The sensor housing
and all parts of the sensor in contact with the medium can also be made entirely from stainless steel
1.4571 (DNS series). Precise material data can be found in the individual data sheets.
Pressure connection
The pressure connection on all pressure switches is executed in accordance with DIN 16288 (pressure
gauge connection G 1/2A). If desired, the connection can also be made with a G 1/4 internal thread in
accordance with ISO 228 Part 1.
Maximum screw-in depth on the G 1/4 internal thread = 9 mm.
Centring pin
In the case of connection to the G 1/2 external thread with seal in the thread (i.e. without the usual
stationary seal on the pressure gauge connection), the accompanying centring pin is not needed.
Differential pressure switches have 2 pressure connections (max. and min.), each of which are to be
connected to a G 1/4 internal thread.
1 = Pressure connection
2 = Measuring bellows
3 = Sensor housing
4 = Thrust pin
5 = Connecting bridge
6 = Pivot points
7 = Microswitch or other
switching elements
8 = Setting spring
9 = Setting spindle (switching
point adjustment)
10 = Running nut (switching point
indicator)
11 = Microswitch calibration
screw (factory calibration)
12 = Counter pressure spring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com