Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1913028 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1913028
Description  MVSTBW 2,5 HC/ 9-STF - PCB connector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1913028 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1913028 Datasheet HTML 1Page - PHOENIX CONTACT 1913028 Datasheet HTML 2Page - PHOENIX CONTACT 1913028 Datasheet HTML 3Page - PHOENIX CONTACT 1913028 Datasheet HTML 4Page - PHOENIX CONTACT 1913028 Datasheet HTML 5Page - PHOENIX CONTACT 1913028 Datasheet HTML 6Page - PHOENIX CONTACT 1913028 Datasheet HTML 7Page - PHOENIX CONTACT 1913028 Datasheet HTML 8Page - PHOENIX CONTACT 1913028 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 16 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
9, number of rows: 1, number of positions: 9, number of connections: 9, product range:
MVSTBW 2,5 HC/..-STF, pitch: 5 mm, connection method: Screw connection with tension
sleeve, screw head form: L Slotted, conductor/PCB connection direction: -90 °, locking clip: -
Locking clip, plug-in system: COMBICON MSTB 2,5 HC, locking: Screw locking mechanism,
mounting: Screw flange, type of packaging: packed in cardboard
Your advantages
Well-known connection principle allows worldwide use
•
Low temperature rise, thanks to maximum contact force
•
Allows connection of two conductors
•
Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
•
Screwable flange for superior mechanical stability
•
Commercial data
Item number
1913028
Packing unit
50 pc
Minimum order quantity
50 pc
Note
Made to order (non-returnable)
Sales key
AA03
Product key
AACAJG
Catalog page
Page 493 (C-1-2013)
GTIN
4017918191733
Weight per piece (including packing)
21.33 g
Weight per piece (excluding packing)
19.293 g
Customs tariff number
85366990
Country of origin
DE
MVSTBW 2,5 HC/ 9-STF - PCB connector
1913028
https://www.phoenixcontact.com/us/products/1913028
Feb 14, 2024, 4:43 AM
Page 1 (14)


Similar Part No. - 1913028

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
191302 ADELS-191302 Datasheet
130Kb / 1P
500 BZ/ 2
More results

Similar Description - 1913028

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1913138 PHOENIX-1913138 Datasheet
121Kb / 8P
Printed-circuit board connector - MVSTBW 2,5 HC/ 9-STF-5,08
09/12/2020
1912919 PHOENIX-1912919 Datasheet
390Kb / 12P
PCB connector - MVSTBW 2,5 HC/ 9-ST-5,08
Nov 30, 2022
1913073 PHOENIX-1913073 Datasheet
321Kb / 11P
PCB connector - MVSTBW 2,5 HC/ 3-STF-5,08
1913099 PHOENIX-1913099 Datasheet
321Kb / 11P
PCB connector - MVSTBW 2,5 HC/ 5-STF-5,08
1912977 PHOENIX-1912977 Datasheet
397Kb / 14P
MVSTBW 2,5 HC/ 4-STF - PCB connector
1912809 PHOENIX-1912809 Datasheet
301Kb / 11P
MVSTBW 2,5 HC/ 9-ST - PCB connector
1913125 PHOENIX-1913125 Datasheet
322Kb / 11P
MVSTBW 2,5 HC/ 8-STF-5,08 - PCB connector
1913154 PHOENIX-1913154 Datasheet
322Kb / 11P
MVSTBW 2,5 HC/11-STF-5,08 - PCB connector
1913060 PHOENIX-1913060 Datasheet
323Kb / 11P
MVSTBW 2,5 HC/ 2-STF-5,08 - PCB connector
1912980 PHOENIX-1912980 Datasheet
383Kb / 14P
MVSTBW 2,5 HC/ 5-STF - PCB connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com