Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1913028 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1913028
Description  MVSTBW 2,5 HC/ 9-STF - PCB connector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1913028 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1913028 Datasheet HTML 1Page - PHOENIX CONTACT 1913028 Datasheet HTML 2Page - PHOENIX CONTACT 1913028 Datasheet HTML 3Page - PHOENIX CONTACT 1913028 Datasheet HTML 4Page - PHOENIX CONTACT 1913028 Datasheet HTML 5Page - PHOENIX CONTACT 1913028 Datasheet HTML 6Page - PHOENIX CONTACT 1913028 Datasheet HTML 7Page - PHOENIX CONTACT 1913028 Datasheet HTML 8Page - PHOENIX CONTACT 1913028 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Technical data
Product properties
Type
Standard
Product line
COMBICON Connectors M
Product type
PCB connector
Product family
MVSTBW 2,5 HC/..-STF
Number of positions
9
Pitch
5 mm
Number of connections
9
Number of rows
1
Mounting flange
Screw flange
Number of potentials
9
Electrical properties
Nominal current IN
16 A
Nominal voltage UN
320 V
Degree of pollution
3
Contact resistance
0.8 mΩ
Rated voltage (III/3)
320 V
Rated surge voltage (III/3)
4 kV
Rated voltage (III/2)
320 V
Rated surge voltage (III/2)
4 kV
Rated voltage (II/2)
630 V
Rated surge voltage (II/2)
4 kV
Connection data
Connection technology
Type
Standard
Connector system
COMBICON MSTB 2,5 HC
Nominal cross section
2.5 mm²
Contact connection type
Socket
Interlock
Locking type
Screw locking mechanism
Mounting flange
Screw flange
Tightening torque
0.3 Nm
Conductor connection
Connection method
Screw connection with tension sleeve
Conductor/PCB connection direction
-90 °
Conductor cross section rigid
0.2 mm² ... 2.5 mm²
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross section AWG
24 ... 12
MVSTBW 2,5 HC/ 9-STF - PCB connector
1913028
https://www.phoenixcontact.com/us/products/1913028
Feb 14, 2024, 4:43 AM
Page 2 (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com