Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1913028 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 1913028
Description  MVSTBW 2,5 HC/ 9-STF - PCB connector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1913028 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 1913028 Datasheet HTML 6Page - PHOENIX CONTACT 1913028 Datasheet HTML 7Page - PHOENIX CONTACT 1913028 Datasheet HTML 8Page - PHOENIX CONTACT 1913028 Datasheet HTML 9Page - PHOENIX CONTACT 1913028 Datasheet HTML 10Page - PHOENIX CONTACT 1913028 Datasheet HTML 11Page - PHOENIX CONTACT 1913028 Datasheet HTML 12Page - PHOENIX CONTACT 1913028 Datasheet HTML 13Page - PHOENIX CONTACT 1913028 Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SK 5/3,8:FORTL.ZAHLEN - Marker card
0804183
https://www.phoenixcontact.com/us/products/0804183
Marker card, white, labeled, horizontal: consecutive numbers 1 ... 10, 11 ... 20,
etc. up to 91 ... (99)100, mounting type: adhesive, for terminal block width: 5 mm,
lettering field size: 5 x 3.8 mm
MSTB 2,5 HC/ 9-GF - PCB header
1924046
https://www.phoenixcontact.com/us/products/1924046
PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 16
A (see derating curve), rated voltage (III/2): 320 V, contact surface: Tin, contact
connection type: Pin, number of potentials: 9, number of rows: 1, number of
positions: 9, number of connections: 9, product range: MSTB 2,5 HC/..-GF, pitch:
5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.23
mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB
2,5 HC, Pin connector pattern alignment: Standard, locking: Screw locking
mechanism, mounting: Threaded flange, type of packaging: packed in cardboard
MVSTBW 2,5 HC/ 9-STF - PCB connector
1913028
https://www.phoenixcontact.com/us/products/1913028
Feb 14, 2024, 4:43 AM
Page 13 (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com