Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3745AT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCD3745AT
Description  8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3745AT Datasheet(HTML) 4 Page - NXP Semiconductors

  PCD3745AT Datasheet HTML 1Page - NXP Semiconductors PCD3745AT Datasheet HTML 2Page - NXP Semiconductors PCD3745AT Datasheet HTML 3Page - NXP Semiconductors PCD3745AT Datasheet HTML 4Page - NXP Semiconductors PCD3745AT Datasheet HTML 5Page - NXP Semiconductors PCD3745AT Datasheet HTML 6Page - NXP Semiconductors PCD3745AT Datasheet HTML 7Page - NXP Semiconductors PCD3745AT Datasheet HTML 8Page - NXP Semiconductors PCD3745AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MBH909
PORT 0
FLIP-FLOP
PORT 0
BUFFER
HIGHER
PROGRAM
COUNTER
LOWER
PROGRAM
COUNTER
PROGRAM
STATUS
WORD
MEMORY
BANK
FLIP-FLOPS
RESIDENT
OTP-ROM
4.5 kbytes
DECODE
5
888
8
P0.0 to P0.7
8
8
88
8
8
8
TIMER/
EVENT
COUNTER
32
INTERNAL
CLOCK
FREQ.
30
T1
PORT 1
BUFFER
PORT 1
FLIP-FLOP
P1.0 to P1.6
8
7
8
P1.7/RCO
RTC
RTC1
RTC2
8
OSCILLATOR
RAM
ADDRESS
REGISTER
ACCUMULATOR
TEMPORARY
REGISTER 1
TEMPORARY
REGISTER 2
ARITHMETIC
INSTRUCTION
REGISTER
AND
DECODER
DECIMAL
ADJUST
CONTROL AND TIMING
XTAL2
XTAL1
RESET
CE/T0
STOP
IDLE
INTERRUPT
INITIALIZE
CONDITIONAL
BRANCH
LOGIC
CE/T0
TIMER
FLAG
CARRY
ACC
ACC BIT
TEST
MULTIPLEXER
8 LEVEL STACK
(VARIABLE LENGTH)
OPTIONAL SECOND
REGISTER BANK
DATA STORE
D
E
C
O
D
E
REGISTER 0
REGISTER 1
REGISTER 2
REGISTER 3
REGISTER 4
REGISTER 5
REGISTER 6
REGISTER 7
timer interrupt
external interrupt
CLK2
CLK1
RESIDENT RAM ARRAY
224 bytes
8
LOGIC UNIT
T 1
INTERRUPT
LOGIC
8
C2HB
8
8
8
8
8
PCD3745A
C2LB
C1HB
C1LB
PCCR
Fig.1 Block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com