Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3745AT Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCD3745AT
Description  8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3745AT Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCD3745AT Datasheet HTML 6Page - NXP Semiconductors PCD3745AT Datasheet HTML 7Page - NXP Semiconductors PCD3745AT Datasheet HTML 8Page - NXP Semiconductors PCD3745AT Datasheet HTML 9Page - NXP Semiconductors PCD3745AT Datasheet HTML 10Page - NXP Semiconductors PCD3745AT Datasheet HTML 11Page - NXP Semiconductors PCD3745AT Datasheet HTML 12Page - NXP Semiconductors PCD3745AT Datasheet HTML 13Page - NXP Semiconductors PCD3745AT Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
1999 Feb 02
10
Philips Semiconductors
Product specification
8-bit microcontroller with 4.5 kbytes OTP
memory and 32 kHz real-time clock
PCD3745A
Table 7
Selection of FRCO
FAR (HEX)
FRCO
00
16384.000
01
16384.018
02
16384.033
03
16384.051
04
16384.066
05
16384.084
06
16384.100
07
16384.117
08
16384.135
09
16384.150
0A
16384.168
0B
16384.184
0C
16384.201
0D
16384.217
0E
16384.234
0F
16384.250
10
16384.268
11
16384.283
12
16384.301
13
16384.316
14
16384.334
15
16384.350
16
16384.367
17
16384.385
18
16384.400
19
16384.418
1A
16384.434
1B
16384.451
1C
16384.467
1D
16384.484
1E
16384.500
1F
16384.518
20
16384.533
21
16384.551
22
16384.566
23
16384.584
24
16384.600
25
16384.617
26
16384.635
27
16384.650
28
16384.668
29
16384.684
2A
16384.701
2B
16384.717
2C
16384.734
2D
16384.750
2E
16384.768
2F
16384.783
30
16384.801
31
16384.816
32
16384.834
33
16384.850
34
16384.867
35
16384.885
36
16384.900
37
16384.918
38
16384.934
39
16384.951
3A
16384.967
3B
16384.984
3C
16385.000
3D
16385.018
3E
16385.033
3F
16385.051
40
16385.066
41
16385.084
42
16385.100
43
16385.117
FAR (HEX)
FRCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com