Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3745AT Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCD3745AT
Description  8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3745AT Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCD3745AT Datasheet HTML 15Page - NXP Semiconductors PCD3745AT Datasheet HTML 16Page - NXP Semiconductors PCD3745AT Datasheet HTML 17Page - NXP Semiconductors PCD3745AT Datasheet HTML 18Page - NXP Semiconductors PCD3745AT Datasheet HTML 19Page - NXP Semiconductors PCD3745AT Datasheet HTML 20Page - NXP Semiconductors PCD3745AT Datasheet HTML 21Page - NXP Semiconductors PCD3745AT Datasheet HTML 22Page - NXP Semiconductors PCD3745AT Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
1999 Feb 02
19
Philips Semiconductors
Product specification
8-bit microcontroller with 4.5 kbytes OTP
memory and 32 kHz real-time clock
PCD3745A
16 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); see notes 1 and 2.
Notes
1. Stresses above those listed under Limiting Values may cause permanent damage to the device.
2. Parameters are valid over the operating temperature range unless otherwise specified. All voltages are with respect
to VSS unless otherwise stated.
17 HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, it is good practice to take
normal precautions appropriate to handling MOS devices (see
“Handling MOS devices”).
18 DC CHARACTERISTICS
VDD = 1.8 to 6 V; VSS =0V; Tamb = −25 to +70 °C; fxtal = 3.58 MHz; fRTC = 32768 Hz; all voltages with respect to VSS
unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
−0.8
+7.0
V
VI
all input voltages
−0.5
VDD + 0.5
V
II, IO
DC input or output current
−10
+10
mA
Ptot
total power dissipation
−
125
mW
PO
power dissipation per output
−
30
mW
ISS
ground supply current
−50
+50
mA
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−
90
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (see Figs 8, 9, 10, 11, 12 and 13)
VDD
supply voltage
operating
1.8
−
6V
RAM data retention in Stop
mode
1.0
−
6V
IDD
operating supply current
VDD = 3 V; note 1
−
0.35
0.7
mA
IDD(ID)
supply current Idle mode
VDD = 3 V; note 1
−
0.25
0.5
mA
IDD(stp)
supply current Stop mode
Tamb =25 °C; counters and RTC not
running; notes 1 and 2
−
1.0
5.0
µA
Tamb = −25 to +70 °C; counters and
RTC not running; notes 1 and 2
−−
10
µA
Tamb =25 °C; counters and RTC
running at 33 kHz; notes 1 and 2
−
3.0
6.0
µA
Inputs
VIL
LOW-level input voltage
0
−
0.3VDD V
VIH
HIGH-level input voltage
0.7VDD −
VDD
V
ILI
input leakage current
VSS ≤ VI ≤ VDD
−1
−
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com