Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3755E Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCD3755E
Description  8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3755E Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCD3755E Datasheet HTML 9Page - NXP Semiconductors PCD3755E Datasheet HTML 10Page - NXP Semiconductors PCD3755E Datasheet HTML 11Page - NXP Semiconductors PCD3755E Datasheet HTML 12Page - NXP Semiconductors PCD3755E Datasheet HTML 13Page - NXP Semiconductors PCD3755E Datasheet HTML 14Page - NXP Semiconductors PCD3755E Datasheet HTML 15Page - NXP Semiconductors PCD3755E Datasheet HTML 16Page - NXP Semiconductors PCD3755E Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
1997 Apr 16
13
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator,
8 kbytes OTP and 128 bytes EEPROM
PCD3755A; PCD3755E;
PCD3755F
7.1
EEPROM registers
7.1.1
EEPROM CONTROL REGISTER (EPCR)
The behaviour of the EEPROM and Timer 2 section is defined by the EEPROM Control Register.
Table 10 EEPROM Control Register (address 04H, access type R/W)
Table 11 Description of EPCR bits
Table 12 Mode selection; X = don’t care
76543210
STT2
ET2I
T2F
EWP
MC3
MC2
MC1
0
BIT
MNEMONIC
DESCRIPTION
7
STT2
Start T2. If STT2 = 0, then Timer 2 is stopped; T2 value held. If STT2 = 1, then T2
decrements from reload value.
6
ET2I
Enable T2 interrupt. If ET2I = 0, then T2F event cannot request interrupt. If ET2I = 1,
then T2F event can request interrupt.
5
T2F
Timer 2 flag. Set when T2 underflows (or by program); reset by program.
4
EWP
Erase or write in progress (EWP). Set by program (EWP starts EEPROM erase and/or
write and Timer 2). Reset at the end of EEPROM erase and/or write.
3
MC3
Mode control 3 to 1. These three bits in conjunction with bit EWP select the mode as
shown in Table 12.
2
MC2
1
MC1
0
−
This bit is set to a logic 0.
EWP
MC3
MC2
MC1
DESCRIPTION
0
0
0
0
read byte
0
0
1
0
increment mode
1
0
1
X
write page
1
1
0
0
erase/write page
1
1
1
1
erase page
X
0
0
1
not allowed
X1
0
1
X1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com