Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3755E Datasheet (PDF) - NXP Semiconductors

PCD3755E Datasheet PDF - NXP Semiconductors
Part # PCD3755E
Download  PCD3755E Download
File Size   200.43 Kbytes
Page   32 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM

PCD3755E Datasheet (PDF)

Go To PDF Page Download Datasheet
PCD3755E Datasheet PDF - NXP Semiconductors

Part # PCD3755E
Download  PCD3755E Click to download

File Size   200.43 Kbytes
Page   32 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM

PCD3755E Datasheet (HTML) - NXP Semiconductors


PCD3755E Product details

GENERAL DESCRIPTION
This data sheet details the specific properties of the PCD3755A, PCD3755E and PCD3755F. The devices differ in their Port and Power-on-reset configurations. References to ‘PCD3755x’ apply to all three types. The devices are members of the PCD33xxA family of microcontrollers.

FEATURES
• 8-bit CPU, ROM, RAM, EEPROM and I/O; in a single 28-lead or 32-lead package
• 8 kbytes user-programmable ROM (One-Time Programmable)
• 128 bytes RAM
• 128 bytes Electrically Erasable Programmable Read-Only Memory (EEPROM)
• Over 100 instructions (based on MAB8048) all of 1 or 2 cycles
• 20 quasi-bidirectional I/O port lines
• 8-bit programmable Timer/event counter 1
• 8-bit reloadable Timer 2
• Three single-level vectored interrupts:
   – external
   – 8-bit programmable Timer/event counter 1
   – derivative; triggered by reloadable Timer 2
• Two test inputs, one of which also serves as the external interrupt input
• DTMF, modem, musical tone generator
• Reference for supply and temperature-independent tone output
• Filtering for low output distortion (CEPT compatible)
• Melody output for ringer application
• Power-on-reset
• Stop and Idle modes
• Supply voltage: 1.8 to 6 V (DTMF tone output and EEPROM erase/write from 2.5 V)
• Clock frequency: 1 to 16 MHz (3.58 MHz for DTMF suggested)
• Operating temperature: −25 to +70 °C
• Manufactured in silicon gate CMOS process.




Similar Part No. - PCD3755E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3745 PHILIPS-PCD3745 Datasheet
156Kb / 32P
8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
1999 Feb 02
PCD3745A PHILIPS-PCD3745A Datasheet
156Kb / 32P
8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
1999 Feb 02
PCD3745AH PHILIPS-PCD3745AH Datasheet
156Kb / 32P
8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
1999 Feb 02
PCD3745AP PHILIPS-PCD3745AP Datasheet
156Kb / 32P
8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
1999 Feb 02
PCD3745AT PHILIPS-PCD3745AT Datasheet
156Kb / 32P
8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
1999 Feb 02
More results


Similar Description - PCD3755E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SE NSC-COP8SE Datasheet
491Kb / 47P
8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
logo
NXP Semiconductors
PCA3351C PHILIPS-PCA3351C Datasheet
155Kb / 36P
8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
1999 Oct 28
PCA3354C PHILIPS-PCA3354C Datasheet
221Kb / 32P
8-bit microcontrollers with DTMF generator and 256 bytes EEPROM
1996 Dec 18
PCD3349A PHILIPS-PCD3349A Datasheet
141Kb / 20P
8-bit microcontroller with DTMF generator
1998 May 11
PCD3350A PHILIPS-PCD3350A Datasheet
204Kb / 36P
8-bit microcontroller with DTMF generator, 256 bytes EEPROM and real-time clock
1996 Dec 18
PCD3359A PHILIPS-PCD3359A Datasheet
165Kb / 32P
8-bit microcontroller with DTMF generator and 128 bytes EEPROM
1998 May 11
logo
Holtek Semiconductor In...
HT48R31-1 HOLTEK-HT48R31-1 Datasheet
2Mb / 46P
8-bit OTP Microcontrollers
24th Dec 98
HT48R50-1 HOLTEK-HT48R50-1 Datasheet
2Mb / 48P
8-bit OTP Microcontrollers
6th Jan 99
logo
NXP Semiconductors
PCD3344A PHILIPS-PCD3344A Datasheet
1Mb / 17P
8-BIT MICROCONTROLLER WITH DTMF GENERATOR
1996 May 09
logo
STMicroelectronics
STM8S003K3 STMICROELECTRONICS-STM8S003K3 Datasheet
956Kb / 100P
Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes
12-Jun-2012
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com