Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3745 Datasheet (PDF) - NXP Semiconductors

PCD3745 Datasheet PDF - NXP Semiconductors
Part # PCD3745
Download  PCD3745 Download
File Size   156.91 Kbytes
Page   32 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock

PCD3745 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCD3745 Datasheet PDF - NXP Semiconductors

Part # PCD3745
Download  PCD3745 Click to download

File Size   156.91 Kbytes
Page   32 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock

PCD3745 Datasheet (HTML) - NXP Semiconductors


PCD3745 Product details

GENERAL DESCRIPTION
The PCD3745A is a microcontroller oriented towards communication and metering applications. It has 4.5 kbytes of One Time Programmable (OTP) memory, 224 bytes RAM and 16 I/O lines.
The PCD3745A also incorporates a low power Real-Time Clock (RTC) and two low power 16-bit counters. The RTC runs using a 32 kHz crystal oscillator and is register adjustable. The RTC and the counters are able to operate in all microcontroller modes. The instruction set is based on that of the MAB8048 and is software compatible with the PCD33xxA family.

FEATURES
• 8-bit CPU, RAM and I/O
• 4.5 kbytes OTP memory; 224 bytes RAM
• 32 kHz adjustable crystal oscillator for real-time clock
• Over 100 instructions (based on MAB8048) all of 1 or 2 cycles
• 16 quasi-bidirectional I/O port lines
• 8-bit programmable Timer/event counter 1
• Two 16-bit counters with count inputs pins
• 2 single-level vectored interrupts:
   – external; peripheral Counters 1 and 2; RTC alarm
   – 8-bit programmable Timer/event counter 1
• Two test inputs, one of which also serves as the external interrupt input
• Stop and Idle modes for power saving
• Logic supply: 1.8 to 6 V
• CPU clock frequency: 1 to 16 MHz
• Operating temperature: −25 to +70 °C
• Manufactured in silicon gate CMOS process.




Similar Part No. - PCD3745

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3755A PHILIPS-PCD3755A Datasheet
200Kb / 32P
8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
1997 Apr 16
PCD3755AH PHILIPS-PCD3755AH Datasheet
200Kb / 32P
8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
1997 Apr 16
PCD3755AP PHILIPS-PCD3755AP Datasheet
200Kb / 32P
8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
1997 Apr 16
PCD3755AT PHILIPS-PCD3755AT Datasheet
200Kb / 32P
8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
1997 Apr 16
PCD3755E PHILIPS-PCD3755E Datasheet
200Kb / 32P
8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
1997 Apr 16
More results


Similar Description - PCD3745

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
8-Bit One-Time Programmable OTP Microcontroller
logo
NXP Semiconductors
PCD3350A PHILIPS-PCD3350A Datasheet
204Kb / 36P
8-bit microcontroller with DTMF generator, 256 bytes EEPROM and real-time clock
1996 Dec 18
logo
ATMEL Corporation
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
National Semiconductor ...
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
8-Bit One-Time Programmable (OTP) Microcontroller
logo
List of Unclassifed Man...
RTC-64611 ETC1-RTC-64611 Datasheet
69Kb / 2P
8-bit REAL TIME CLOCK MODULE
logo
National Semiconductor ...
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
ATMEL Corporation
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com