Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3745 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCD3745
Description  8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3745 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCD3745 Datasheet HTML 1Page - NXP Semiconductors PCD3745 Datasheet HTML 2Page - NXP Semiconductors PCD3745 Datasheet HTML 3Page - NXP Semiconductors PCD3745 Datasheet HTML 4Page - NXP Semiconductors PCD3745 Datasheet HTML 5Page - NXP Semiconductors PCD3745 Datasheet HTML 6Page - NXP Semiconductors PCD3745 Datasheet HTML 7Page - NXP Semiconductors PCD3745 Datasheet HTML 8Page - NXP Semiconductors PCD3745 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
1999 Feb 02
2
Philips Semiconductors
Product specification
8-bit microcontroller with 4.5 kbytes OTP
memory and 32 kHz real-time clock
PCD3745A
CONTENTS
1
FEATURES
2
GENERAL DESCRIPTION
3
ORDERING INFORMATION
4
BLOCK DIAGRAM
5
PINNING INFORMATION
5.1
Pinning
5.2
Pin description
6
REAL-TIME CLOCK (RTC)
6.1
Oscillator
6.2
Divider chain
6.3
Frequency adjustment
6.4
Clock Control Register (CLCR)
6.5
Frequency Adjustment Register (FAR)
7
PERIPHERAL COUNTER 1 AND
COUNTER 2
7.1
Peripheral Counter Control Register (PCCR)
8
THE RTC, COUNTER 1 AND COUNTER 2
INTERRUPTS
9
REDUCED POWER MODES
9.1
Idle mode
9.2
Stop mode
10
INSTRUCTION SET RESTRICTIONS
11
TIMING
12
RESET
13
SUMMARY OF CONFIGURATIONS
14
OTP PROGRAMMING
15
SUMMARY OF DERIVATIVE REGISTERS
16
LIMITING VALUES
17
HANDLING
18
DC CHARACTERISTICS
19
AC CHARACTERISTICS
20
PACKAGE OUTLINES
21
SOLDERING
21.1
Introduction
21.2
Through-hole mount packages
21.3
Surface mount packages
21.4
Suitability of IC packages for wave, reflow and
dipping soldering methods
22
DEFINITIONS
23
LIFE SUPPORT APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com