Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3745 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCD3745
Description  8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3745 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCD3745 Datasheet HTML 17Page - NXP Semiconductors PCD3745 Datasheet HTML 18Page - NXP Semiconductors PCD3745 Datasheet HTML 19Page - NXP Semiconductors PCD3745 Datasheet HTML 20Page - NXP Semiconductors PCD3745 Datasheet HTML 21Page - NXP Semiconductors PCD3745 Datasheet HTML 22Page - NXP Semiconductors PCD3745 Datasheet HTML 23Page - NXP Semiconductors PCD3745 Datasheet HTML 24Page - NXP Semiconductors PCD3745 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
1999 Feb 02
21
Philips Semiconductors
Product specification
8-bit microcontroller with 4.5 kbytes OTP
memory and 32 kHz real-time clock
PCD3745A
Fig.7 Definition of count pulse width (tW).
MBH913
0.6VDD
0.4VDD
0.4VDD
0.6VDD
tW
CLK1
CLK2
or
CLK1
CLK2
Fig.8
Typical supply current (IDD) in Stop mode as
a function of supply voltage (VDD).
handbook, halfpage
1
6
4
2
(1)
(2)
0
3
1.5
3.35
5
VDD (V)
7
MGB784
IDD(stp)
(
µA)
(1) RTC stopped;
−25 to 70 °C.
(2) RTC running;
−25 to 70 °C.
Fig.9
Typical supply current (IDD(stp)) in Stop
mode as a function of counter frequency,
both counters running in parallel.
(VDD =3V; Tamb = +25 °C),
handbook, halfpage
50
0
10
3
MBH914
10
4
10
fc (Hz)
IDD(stp)
(
µA)
5
10
6
10
20
30
40
Fig.10 Typical operating supply current (IDD) as a
function of supply voltage (VDD).
Measured with crystal between XTAL1 and XTAL2.
handbook, halfpage
1
6
4
2
0
35
VDD (V)
7
MBH915
3.58 MHz
IDD
(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com