Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3755E Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCD3755E
Description  8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3755E Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCD3755E Datasheet HTML 17Page - NXP Semiconductors PCD3755E Datasheet HTML 18Page - NXP Semiconductors PCD3755E Datasheet HTML 19Page - NXP Semiconductors PCD3755E Datasheet HTML 20Page - NXP Semiconductors PCD3755E Datasheet HTML 21Page - NXP Semiconductors PCD3755E Datasheet HTML 22Page - NXP Semiconductors PCD3755E Datasheet HTML 23Page - NXP Semiconductors PCD3755E Datasheet HTML 24Page - NXP Semiconductors PCD3755E Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
1997 Apr 16
21
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator,
8 kbytes OTP and 128 bytes EEPROM
PCD3755A; PCD3755E;
PCD3755F
19 DC CHARACTERISTICS
VDD = 1.8 to 6 V; VSS =0V; Tamb = −25 to +70 °C; all voltages with respect to VSS; fxtal = 3.58 MHz; unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
see Fig.6
operating
note 1
1.8
−
6V
RAM data retention in Stop
mode
1.0
−
6V
IDD
operating supply current
see Figs 7 and 8; note 2
VDD = 3 V; value HGF or LGF ≠ 0 −
0.8
1.6
mA
VDD =3V
−
0.35
0.7
mA
VDD = 5 V; fxtal = 10 MHz
−
1.5
4.0
mA
VDD = 5 V; fxtal = 16 MHz
−
2.4
6.0
mA
IDD(idle)
supply current (Idle mode)
see Figs 9 and 10; note 2
VDD = 3 V; value HGF or LGF ≠ 0 −
0.7
1.4
mA
VDD =3V
−
0.25
0.5
mA
VDD = 5 V; fxtal = 10 MHz
−
1.1
3.4
mA
VDD = 5 V; fxtal = 16 MHz
−
1.7
5.0
mA
IDD(stp)
supply current (Stop mode)
see Fig.11; note 3
VDD = 1.8 V; Tamb =25 °C
−
1.0
5.5
µA
VDD = 1.8 V; Tamb =70 °C
−−
10
µA
Inputs
VIL
LOW level input voltage
0
−
0.3VDD V
VIH
HIGH level input voltage
0.7VDD −
VDD
V
ILI
input leakage current
VSS ≤ VI ≤ VDD
−1
−
+1
µA
Port outputs
IOL
LOW level port sink current
VDD = 3 V; VO = 0.4 V; see Fig.12
0.7
3.5
−
mA
IOH
HIGH level pull-up output source
current
VDD =3V; VO = 2.7 V; see Fig.13
−10
−30
−µA
VDD =3V; VO = 0 V; see Fig.13
−−140
−300
µA
IOH1
HIGH level push-pull output
source current
VDD = 3 V; VO = 2.6 V; see Fig.14
−0.7
−3.5
−
mA
Tone output (see Fig.15; note 4)
VHG(RMS)
HGF voltage (RMS)
158
181
205
mV
VLG(RMS)
LGF voltage (RMS)
125
142
160
mV
frequency deviation
−0.6
−
+0.6
%
VDC
DC voltage level
−
0.5VDD −
V
Z
o
output impedance
−
100
500
Ω
Gv
pre-emphasis of group
1.5
2.0
2.5
dB
THD
total harmonic distortion
Tamb =25 °C; note 5
−
25
−
dB
f
∆ f
⁄



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com