Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC4M16DG-5S/XT Datasheet(PDF) 6 Page - Austin Semiconductor

Part # AS4LC4M16DG-5S/XT
Description  4 MEG x 16 DRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4LC4M16DG-5S/XT Datasheet(HTML) 6 Page - Austin Semiconductor

Back Button AS4LC4M16DG-5S/XT Datasheet HTML 2Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 3Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 4Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 5Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 6Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 7Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 8Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 9Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 10Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
DRAM
DRAM
DRAM
DRAM
DRAM
AS4LC4M16
Austin Semiconductor, Inc.
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
6
AS4LC4M16
Rev. 1.0 7/02
EDO PAGE MODE (Continued)
two methods to disable the outputs and keep them disabled
during the CAS\ HIGH time. The first method is to have OE\
HIGH when CAS\ transitions HIGH and keep OE\ HIGH for
tOEHC thereafter. This will disable the DQs, and they will
remain disabled (regardless of the state of OE\ after that point)
until CAS\ falls again. The second method is to have OE\ LOW
when CAS\ transitions HIGH and then bring OE\ HIGH for a
minimum of t
OEP
anytime during the CAS\ HIGH period. This
will disable the DQs, and they will remain disabled (regardless
of the state of OE\ after that point) until CAS\ falls again (see
Figure 3). During other cycles, the outputs are disabled at t
OFF
time after RAS\ and CAS\ are HIGH or at t
WHZ
after WE\
transitions LOW. The t
OFF
time is referenced from the rising
edge of RAS\ or CAS\, whichever occurs last. WE\ can also
perform the function of disabling the output drivers under
certain conditions, as shown in Figure 4.
EDO-PAGE-MODE operations are always initiated with a
row address strobed in by the RAS\ signal, followed by a
column address strobed in by CAS\, just like for single location
accesses. However, subsequent column locations within the
row may then be accessed at the page mode cycle time. This is
accomplished by cycling CAS\ while holding RAS\ LOW and
entering new column addresses with each CAS\ cycle.
Returning RAS\ HIGH terminates the EDO-PAGE-MODE
operation.
DRAM REFRESH
The supply voltage must be maintained at the specified
levels, and the refresh requirements must be met in order to
retain stored data in the DRAM. The refresh requirements are
met by refreshing all rows in the 4 Meg x 16 DRAM array at
least once every 64ms* (4,096 rows). The recommended
procedure is to execute 4,096 CBR REFRESH cycles, either
uniformly spaced or grouped in bursts, every 64ms*. The
DRAM refreshes one row for every CBR cycle. For this device,
executing 4,096 CBR cycles will refresh the entire device. The
CBR REFRESH will invoke the internal refresh counter for auto-
matic RAS\ addressing. Alternatively, RAS\-ONLY
RE-
FRESH capability is inherently provided. However, with this
method, only one row is refreshed on each cycle. JEDEC
strongly recommends the use of CBR REFRESH for this device.
An optional self refresh mode is also available on the “S”
version. The self refresh feature is initiated by performing a
CBR Refresh cycle and holding RAS\ low for the specified t
RASS
.
The “S” option allows the user the choice of a fully static,
low-power data retention mode or a dynamic refresh mode at
the extended refresh period of 128ms, or 31.25µs per cycle, when
using a distributed CBR refresh. This refresh rate can be
applied during normal operation, as well as during a standby or
battery backup mode.
The self refresh mode is terminated by driving RAS\ HIGH
for a minimum time of t
RPS
. This delay allows for the completion
of any internal refresh cycles that may be in process at the time
of the RAS\ LOW-to-HIGH transition. If the DRAM controller
uses a distributed CBR refresh sequence, a burst refresh is not
required upon exiting self refresh, however, if the controller is
using RAS\ only or burst CBR refresh then a burst refresh
using t
RC
(MIN) is required.
NOTES:
*64ms for IT version, 32ms for XT version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com