Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC4M16DG-5S/XT Datasheet(PDF) 8 Page - Austin Semiconductor

Part # AS4LC4M16DG-5S/XT
Description  4 MEG x 16 DRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4LC4M16DG-5S/XT Datasheet(HTML) 8 Page - Austin Semiconductor

Back Button AS4LC4M16DG-5S/XT Datasheet HTML 4Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 5Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 6Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 7Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 8Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 9Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 10Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 11Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 12Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
DRAM
DRAM
DRAM
DRAM
DRAM
AS4LC4M16
Austin Semiconductor, Inc.
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
8
AS4LC4M16
Rev. 1.0 7/02
I
CC OPERATING CONDITIONS AND MAXIMUM LIMITS
1,2,3,5,6
(V
CC = +3.3V ±0.3V)
-5
-6
PARAMETERS
SYM
MAX
MAX
UNITS
NOTES
STANDBY CURRENT: TTL
RAS\ = CAS\ = VIH
ICC1
1.5
1.5
mA
STANDBY CURRENT: CMOS
(RAS\ = CAS\ > VCC - 0.2V; DQs may be left open;
Other inputs: VIN > VCC - 0.2V or VIN < 0.2V)
ICC2
11
mA
OPERATING CURRENT: Random READ/WRITE
Average power supply current
(RAS\, CAS\, address cycling: tRC = tRC [MIN])
ICC3
165
150
mA
26
OPERATING CURRENT: EDO PAGE MODE
Average power supply current
(RAS\ = VIL, CAS\, address cycling: tPC = tPC [MIN])
ICC4
125
120
mA
26
REFRESH CURRENT: RAS\-ONLY
Average power supply current
(RAS\ cycling, CAS\ = VIH: tRC = tRC [MIN])
ICC5
165
150
mA
22
REFRESH CURRENT: CBR
Average power supply current
(RAS\, CAS\, address cycling: tRC = tRC [MIN])
ICC6
165
150
mA
4, 7, 23
REFRESH CURRENT: Extended ("S" version only)
Average power supply current: CAS\ = 0.2V or CBR cycling;
RAS\ = tRAS (MIN); WE\ = VCC - 0.2V; A0 - A10, OE\ and
DIN = VCC - 0.2V or 0.2V (DIN may be left open); tRC = 125µS
ICC7
11
mA
4, 7,
23, 37
REFRESH CURRENT: Self ("S" version only)
Average power supply current: CBR with RAS\ > tRASS (MIN)
and CAS\ held LOW; WE\ = VCC - 0.2V; A0 - A10, OE\ and
DIN = VCC - 0.2V or 0.2V (DIN may be left open)
ICC8
1
1
mA
4, 7, 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com