Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC4M16DG-5S/XT Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS4LC4M16DG-5S/XT
Description  4 MEG x 16 DRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4LC4M16DG-5S/XT Datasheet(HTML) 1 Page - Austin Semiconductor

  AS4LC4M16DG-5S/XT Datasheet HTML 1Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 2Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 3Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 4Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 5Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 6Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 7Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 8Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
DRAM
DRAM
DRAM
DRAM
DRAM
AS4LC4M16
Austin Semiconductor, Inc.
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
1
AS4LC4M16
Rev. 1.0 7/02
4 MEG x 16 DRAM
Extended Data Out (EDO) DRAM
FEATURES
• Single +3.3V ±0.3V power supply.
• Industry-standard x16 pinout, timing, functions, and
package.
• 12 row, 10 column addresses
• High-performance CMOS silicon-gate process
• All inputs, outputs and clocks are LVTTL-compatible
• Extended Data-Out (EDO) PAGE MODE access
• 4,096-cycle CAS\-BEFORE-RAS\ (CBR) REFRESH
distributed across 64ms
• Optional self refresh (S) for low-power data retention
• Level 1 Moisture Sensitivity Rating, JEDEC J-STD-020
OPTIONS
MARKINGS
• Package(s)
50-pin TSOP (400-mil)
DG
• Timing
50ns access
-5
60ns access
-6
• Refresh Rates
Standard Refresh
None
Self Refresh
S*
• Operating Temperature Ranges
Military (-55°C to +125°C)
XT
Industrial (-40°C to +85°C)
IT
NOTE: The \ symbol indicates signal is active LOW.
*Contact factory for availability. Self refresh option available on IT
version only.
For more products and information
please visit our web site at
www.austinsemiconductor.com
PIN ASSIGNMENT
(Top View)
50-Pin TSOP (DG)
Configuration
4 Meg x 16
Refresh
4K
Row Address
A0-A11
Column Addressing
A0-A9
SPEED
tRC
tRAC
tPC
tAA
tCAC
tCAS
-5
84ns
50ns
20ns
25ns
13ns
8ns
-6
104ns 60ns
25ns
30ns
15ns
10ns
KEY TIMING PARAMETERS


Similar Part No. - AS4LC4M16DG-5S/XT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4LC4M16DG-5S/XT AUSTIN-AS4LC4M16DG-5S/XT Datasheet
3Mb / 25P
4 MEG x 16 DRAM Extended Data Out (EDO) DRAM
More results

Similar Description - AS4LC4M16DG-5S/XT

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC4M4E8 MICRON-MT4LC4M4E8 Datasheet
291Kb / 23P
4 MEG x 4 EDO DRAM
logo
List of Unclassifed Man...
MEM4X16E43VTW-5 ETC-MEM4X16E43VTW-5 Datasheet
598Kb / 9P
4 MEG x 16 EDO DRAM
logo
Austin Semiconductor
AS4LC1M16 AUSTIN-AS4LC1M16 Datasheet
195Kb / 22P
1 MEG x 16 DRAM
logo
Micron Technology
MT4C4003J MICRON-MT4C4003J Datasheet
796Kb / 12P
1 MEG x 4 DRAM
MT4C40005 MICRON-MT4C40005 Datasheet
140Kb / 1P
4 MEG x 4 DRAM
logo
Austin Semiconductor
AS4SD4M16 AUSTIN-AS4SD4M16 Datasheet
1Mb / 50P
4 Meg x 16 SDRAM Synchronous DRAM Memory
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
1 MEG x 4 DRAM Fast Page Mode DRAM
AS4LC4M16 AUSTIN-AS4LC4M16_05 Datasheet
3Mb / 25P
4 MEG x 16 DRAM Extended Data Out (EDO) DRAM
AS4SD4M16 AUSTIN-AS4SD4M16_05 Datasheet
568Kb / 50P
4 Meg x 16 SDRAM Synchronous DRAM Memory
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
1 MEG x 4 DRAM Fast Page Mode DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com