Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5002H Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCD5002H
Description  Advanced POCSAG and APOC-1 Paging Decoder
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5002H Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCD5002H Datasheet HTML 4Page - NXP Semiconductors PCD5002H Datasheet HTML 5Page - NXP Semiconductors PCD5002H Datasheet HTML 6Page - NXP Semiconductors PCD5002H Datasheet HTML 7Page - NXP Semiconductors PCD5002H Datasheet HTML 8Page - NXP Semiconductors PCD5002H Datasheet HTML 9Page - NXP Semiconductors PCD5002H Datasheet HTML 10Page - NXP Semiconductors PCD5002H Datasheet HTML 11Page - NXP Semiconductors PCD5002H Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
1997 Jun 24
8
Philips Semiconductors
Product specification
Advanced POCSAG and APOC-1 Paging
Decoder
PCD5002
Table 1
POCSAG recommended call types and function bits
BIT 20 (MSB)
BIT 21 (LSB)
CALL TYPE
DATA FORMAT
0
0
numeric
4-bits per digit
0
1
alert only 1
−
1
0
alert only 2
−
1
1
alphanumeric
7-bits per ASCII character
The POCSAG standard only allows combinations of data
formats and function code bits as given in Table 1.
However, other (non-standard) combinations will be
decoded normally by the PCD5002.
8.4
Error correction
In the PCD5002 error correction methods have been
implemented as shown in Table 2.
Random error correction is default for both address and
message codewords. In addition, burst error correction
can be enabled by SPF programming. Up to 3 erroneous
bits in a 4-bit burst can be corrected.
The error type detected for each codeword is identified in
the message data output to the microcontroller, allowing
rejection of calls with too many errors.
Table 2
Error correction
8.5
Operating states
The PCD5002 has 2 operating states:
• ON status
• OFF status.
The operating state is determined by a Direct Control input
(DON) and bit D4 in the control register (see Table 3).
ITEM
CORRECTION
Preamble
4 random errors in 31 bits
Synchronization
codeword
2 random errors in 32 bits
Address codeword
2 random errors, plus 4-bit burst
errors (optional)
Message codeword
2 random errors, plus 4-bit burst
errors (optional)
Table 3
Truth table for decoder operating status
8.6
ON status
In the ON status the decoder pulses the receiver and
oscillator enable outputs (RXE and ROE respectively)
according to the code structure and the synchronization
algorithm. Data received serially at the data input (RDI) is
processed for call reception.
The data protocol can be POCSAG or APOC-1.
Continuous data decoding upon reception of a special
sync word is also supported. The data protocol is selected
by SPF programming.
Reception of a valid paging call is signalled to the
microcontroller by an interrupt signal. The received
address and message data can then be read via the
I2C-bus interface.
8.7
OFF status
In the OFF status the decoder will neither activate the
receiver or oscillator enable outputs, nor process any data
at the data input. The crystal oscillator remains active to
permit communication with the microcontroller.
In both operating states an accurate timing reference is
available via the REF output. Using SPF programming the
signal periodicity may be selected as 32.768 kHz, 50 Hz,
2 Hz or 1
⁄60 Hz.
8.8
Reset
The decoder can be reset by applying a positive pulse on
input pin RST. For successful reset at power-on, a HIGH
level must be present on the RST pin while the device is
powering-up.
DON
INPUT
CONTROL
BIT D4
OPERATING STATUS
0
0
OFF
01
ON
10
ON
11
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com