Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5002H Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCD5002H
Description  Advanced POCSAG and APOC-1 Paging Decoder
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5002H Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCD5002H Datasheet HTML 18Page - NXP Semiconductors PCD5002H Datasheet HTML 19Page - NXP Semiconductors PCD5002H Datasheet HTML 20Page - NXP Semiconductors PCD5002H Datasheet HTML 21Page - NXP Semiconductors PCD5002H Datasheet HTML 22Page - NXP Semiconductors PCD5002H Datasheet HTML 23Page - NXP Semiconductors PCD5002H Datasheet HTML 24Page - NXP Semiconductors PCD5002H Datasheet HTML 25Page - NXP Semiconductors PCD5002H Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
1997 Jun 24
22
Philips Semiconductors
Product specification
Advanced POCSAG and APOC-1 Paging
Decoder
PCD5002
8.30
Real time clock
The PCD5002 provides a periodic reference pulse at
output REF. The frequency of this signal can be selected
by SPF programming:
• 32768 Hz
• 50 Hz (square-wave)
• 2Hz
• 1⁄60 Hz.
The 32768 Hz signal does not have a fixed period, it
consists of 32 pulses distributed over 75 main oscillator
cycles at 76.8 kHz. The timing is illustrated in Fig.15.
When programmed for 1
⁄60 Hz (1 pulse per minute) the
pulse at output REF is held off while the receiver is
enabled.
Except for the 50 Hz frequency the pulse width tRFP is
equal to one decoder clock period.
The real time clock counter runs continuously irrespective
of the operating condition of the PCD5002. It contains a
seconds register (maximum 59) and a 1
⁄100 second
register (maximum 99), which can be read from or written
to via the I2C-bus. The bit allocation of both registers is
shown in Tables 19 and 20.
Table 19 Real time clock; seconds register (01H;
read/write)
BIT
(MSB D7)
VALUE
DESCRIPTION
D0
−
1s
D1
−
2s
D2
−
4s
D3
−
8s
D4
−
16 s
D5
−
32 s
D6
X
not used: ignored when written,
undetermined when read
D7
X
not used: ignored when written,
undetermined when read
Table 20 Real time clock; 1
⁄100 second register (02H;
read/write)
8.31
Periodic interrupt
A periodic interrupt can be realised with the periodic
interrupt counter. This 8-bit counter is incremented every
1
⁄100 s and produces an interrupt when it reaches the value
stored in the periodic interrupt modulus register.
The counter register is then reset and counting continues.
Operation is started by writing a non-zero value to the
modulus register. Writing a zero will stop interrupt
generation immediately and will halt the periodic interrupt
counter after 2.55 s.
The modulus register is write-only, the counter register is
read only. Both registers have the same index address
(05H).
8.32
Received call delay
Call reception (detection of an enabled RIC) causes both
the periodic interrupt modulus and the counter register to
be reset.
Since the periodic interrupt counter runs for another 2.55 s
after a reset, the received call delay (in 1
⁄100 s units) can be
determined by reading the counter register.
BIT
(MSB D7)
VALUE
DESCRIPTION
D0
−
0 01 s
D1
−
0.02 s
D2
−
0.04 s
D3
−
0.08 s
D4
−
0.16 s
D5
−
0.32 s
D6
−
0.64 s
D7
X
not used: ignored when written,
undetermined when read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com