Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5002H Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCD5002H
Description  Advanced POCSAG and APOC-1 Paging Decoder
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5002H Datasheet(HTML) 3 Page - NXP Semiconductors

  PCD5002H Datasheet HTML 1Page - NXP Semiconductors PCD5002H Datasheet HTML 2Page - NXP Semiconductors PCD5002H Datasheet HTML 3Page - NXP Semiconductors PCD5002H Datasheet HTML 4Page - NXP Semiconductors PCD5002H Datasheet HTML 5Page - NXP Semiconductors PCD5002H Datasheet HTML 6Page - NXP Semiconductors PCD5002H Datasheet HTML 7Page - NXP Semiconductors PCD5002H Datasheet HTML 8Page - NXP Semiconductors PCD5002H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
1997 Jun 24
3
Philips Semiconductors
Product specification
Advanced POCSAG and APOC-1 Paging
Decoder
PCD5002
1
FEATURES
• Wide operating supply voltage range: 1.5 to 6.0 V
• EEPROM programming requires only 2.0 V supply
• Low operating current: 50 µA typ. (ON), 25 µA typ.
(OFF)
• Temperature range −25 to +70 °C
• “CCIR radio paging Code No. 1” (POCSAG) compatible
• Supports Advanced Pager Operator’s Code Phase 1
(APOC-1) for extended battery economy
• 512, 1200 and 2400 bits/s data rates using 76.8 kHz
crystal
• Built-in data filter (16-times oversampling) and bit clock
recovery
• Advanced ACCESS® synchronization algorithm
• 2-bit random and (optional) 4-bit burst error correction
• Up to 6 user addresses (RICs), each with
4 functions/alert cadences
• Up to 6 user address frames, independently
programmable
• Standard POCSAG sync word, plus up to 4 user
programmable sync words
• Continuous data decoding upon reception of user
programmable sync word (optional)
• Received data inversion (optional)
• Call alert via beeper, vibrator or LED
• 2-level acoustic alert using single external transistor
• Alert control: automatic (POCSAG type), via cadence
register or alert input pin
• Separate power control of receiver and RF oscillator for
battery economy
• Synthesizer set-up and control interface (3-line serial)
• On-chip EEPROM for storage of user addresses (RICs),
pager configuration and synthesizer data
• On-chip SRAM buffer for message data
• Slave I2C-bus interface to microcontroller for transfer of
message data, status/control and EEPROM
programming (data transfer at up to 100 kbits/s)
• Wake-up interrupt for microcontroller, programmable
polarity
• Direct and I2C-bus control of operating status (ON/OFF)
• Battery-low indication (external detector)
• Out-of-range condition indication
• Real time clock reference output
• On-chip voltage doubler
• Interfaces directly to UAA2080 and UAA2082 paging
receivers.
2
APPLICATIONS
• Advanced display pagers (POCSAG and APOC-1)
• Basic alert-only pagers
• Information services
• Personal organizers
• Telepoint
• Telemetry/data transmission.
3
GENERAL DESCRIPTION
The PCD5002 is a very low power pager decoder and
controller, capable of handling both standard POCSAG
and the advanced APOC-1 code. Continuous data
decoding upon reception of a dedicated sync word is
available for news pager applications.
Data rates supported are 512, 1200 and 2400 bits/s using
a single 76.8 kHz crystal. On-chip EEPROM is
programmable using a minimum supply voltage of 2.0 V,
allowing ‘over-the-air’ programming. I2C-bus compatible.
4
ORDERING INFORMATION
5
LICENSE
Supply of this IC does neither convey nor express an implied license under any patent right to use this in any APOC
application.
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCD5002H
LQFP32 plastic low profile quad flat package; 32 leads; body 7
× 7 × 1.4 mm
SOT358-1
PCD5002U/10
−
film-frame carrier (naked die) 32 pads
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com