Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91 Datasheet(PDF) 77 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 73Page - ATMEL Corporation AT91 Datasheet HTML 74Page - ATMEL Corporation AT91 Datasheet HTML 75Page - ATMEL Corporation AT91 Datasheet HTML 76Page - ATMEL Corporation AT91 Datasheet HTML 77Page - ATMEL Corporation AT91 Datasheet HTML 78Page - ATMEL Corporation AT91 Datasheet HTML 79Page - ATMEL Corporation AT91 Datasheet HTML 80Page - ATMEL Corporation AT91 Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 153 page
background image
77
AT91X40 Series
1354D–ATARM–08/02
Note:
Bit Number refers to the data bit that corresponds to this signal in each of the User Interface registers.
Table 10. Multiplexed Parallel I/Os
PIO Controller
Peripheral
Reset State
Pin
Number
Bit
Number
(1)
Port Name
Port Name
Signal Description
Signal Direction
0
P0
TCLK0
Timer 0 Clock signal
Input
PIO Input
49
1
P1
TIOA0
Timer 0 Signal A
Bi-directional
PIO Input
50
2
P2
TIOB0
Timer 0 Signal B
Bi-directional
PIO Input
51
3
P3
TCLK1
Timer 1 Clock signal
Input
PIO Input
54
4
P4
TIOA1
Timer 1 Signal A
Bi-directional
PIO Input
55
5
P5
TIOB1
Timer 1 Signal B
Bi-directional
PIO Input
56
6
P6
TCLK2
Timer 2 Clock signal
Input
PIO Input
57
7
P7
TIOA2
Timer 2 Signal A
Bi-directional
PIO Input
58
8
P8
TIOB2
Timer 2 Signal B
Bi-directional
PIO Input
59
9
P9
IRQ0
External Interrupt 0
Input
PIO Input
60
10
P10
IRQ1
External Interrupt 1
Input
PIO Input
63
11
P11
IRQ2
External Interrupt 2
Input
PIO Input
64
12
P12
FIQ
Fast Interrupt
Input
PIO Input
66
13
P13
SCK0
USART 0 clock signal
Bi-directional
PIO Input
67
14
P14
TXD0
USART 0 transmit data signal
Output
PIO Input
68
15
P15
RXD0
USART 0 receive data signal
Input
PIO Input
69
16
P16
–
–
–
PIO Input
70
17
P17
–
–
–
PIO Input
71
18
P18
–
–
–
PIO Input
72
19
P19
–
–
–
PIO Input
73
20
P20
SCK1
USART 1 clock signal
Bi-directional
PIO Input
74
21
P21
TXD1
USART 1 transmit data signal
Output
PIO Input
75
22
P22
RXD1
USART 1 receive data signal
Input
PIO Input
76
23
P23
–
–
–
PIO Input
83
24
P24
–
–
–
PIO Input
84
25
P25
MCKO
Master Clock Output
Output
MCKO
85
26
P26
NCS2
Chip Select 2
Output
NCS2
99
27
P27
NCS3
Chip Select 3
Output
NCS3
100
28
P28
A20/CS7
Address 20/Chip Select 7
Output
A20
25
29
P29
A21/CS6
Address 21/Chip Select 6
Output
A21
26
30
P30
A22/CS5
Address 22/Chip Select 5
Output
A22
29
31
P31
A23/CS4
Address 23/Chip Select 4
Output
A23
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com