Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 8Page - ATMEL Corporation AT91 Datasheet HTML 9Page - ATMEL Corporation AT91 Datasheet HTML 10Page - ATMEL Corporation AT91 Datasheet HTML 11Page - ATMEL Corporation AT91 Datasheet HTML 12Page - ATMEL Corporation AT91 Datasheet HTML 13Page - ATMEL Corporation AT91 Datasheet HTML 14Page - ATMEL Corporation AT91 Datasheet HTML 15Page - ATMEL Corporation AT91 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 153 page
background image
12
AT91X40 Series
1354D–ATARM–08/02
Peripheral Interrupt Control
The Interrupt Control of each peripheral is controlled from the status register using the
interrupt mask. The status register bits are ANDed to their corresponding interrupt mask
bits and the result is then ORed to generate the Interrupt Source signal to the Advanced
Interrupt Controller.
The interrupt mask is read in the Interrupt Mask Register and is modified with the Inter-
rupt Enable Register and the Interrupt Disable Register. The enable/disable/status (or
mask) makes it possible to enable or disable peripheral interrupt sources with a non-
interruptible single instruction. This eliminates the need for interrupt masking at the AIC
or Core level in real-time and multi-tasking systems.
Peripheral Data Controller
The AT91X40 Series Microcontroller has a 4-channel PDC dedicated to the two on-chip
USARTs. One PDC channel is dedicated to the receiver and one to the transmitter of
each USART.
The user interface of a PDC channel is integrated in the memory space of each USART.
It contains a 32-bit Address Pointer Register (RPR or TPR) and a 16-bit Transfer
Counter Register (RCR or TCR). When the programmed number of transfers are per-
formed, a status bit indicating the end of transfer is set in the USART Status Register
and an interrupt can be generated.
System Peripherals
PS: Power-saving
The Power-saving feature optimizes power consumption, enabling the software to stop
the ARM7TDMI clock (Idle Mode) and restarting it when the module receives an inter-
rupt (or reset). It also enables on-chip peripheral clocks to be enabled and disabled
individually, matching power consumption and application needs.
AIC: Advanced Interrupt
Controller
The AIC has an 8-level priority, individually maskable, vectored interrupt controller, and
drives the NIRQ and NFIQ pins of the ARM7TDMI from:
•
The external fast interrupt line (FIQ)
•
The three external interrupt request lines (IRQ0 - IRQ2)
•
The interrupt signals from the on-chip peripherals
The AIC is extensively programmable, offering maximum flexibility, and its vectoring fea-
tures reduce the real-time overhead in handling interrupts.
The AIC also features a spurious vector, which reduces spurious interrupt handling to a
minimum, and a protect mode that facilitates the debug capabilities.
PIO: Parallel IO Controller
The AT91X40 Series has 32 programmable I/O lines. Six pins are dedicated as general-
purpose I/O pins. Other I/O lines are multiplexed with an external signal of a peripheral
to optimize the use of available package pins. The PIO controller enables generation of
an interrupt on input change and insertion of a simple input glitch filter on any of the PIO
pins.
WD: Watchdog
The Watchdog is built around a 16-bit counter, and is used to prevent system lock-up if
the software becomes trapped in a deadlock. It can generate an internal reset or inter-
rupt, or assert an active level on the dedicated pin NWDOVF. All programming registers
are password-protected to prevent unintentional programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com