Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 17Page - ATMEL Corporation AT91 Datasheet HTML 18Page - ATMEL Corporation AT91 Datasheet HTML 19Page - ATMEL Corporation AT91 Datasheet HTML 20Page - ATMEL Corporation AT91 Datasheet HTML 21Page - ATMEL Corporation AT91 Datasheet HTML 22Page - ATMEL Corporation AT91 Datasheet HTML 23Page - ATMEL Corporation AT91 Datasheet HTML 24Page - ATMEL Corporation AT91 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 153 page
background image
21
AT91X40 Series
1354D–ATARM–08/02
Chip Select Lines
The EBI provides up to eight chip select lines:
•
Chip select lines NCS0 - NCS3 are dedicated to the EBI (not multiplexed).
•
Chip select lines CS4 - CS7 are multiplexed with the top four address lines A23 -
A20.
By exchanging address lines for chip select lines, the user can optimize the EBI to suit
the external memory requirements: more external devices or larger address range for
each device.
The selection is controlled by the ALE field in EBI_MCR (Memory Control Register). The
following combinations are possible:
A20, A21, A22, A23 (configuration by default)
A20, A21, A22, CS4
A20, A21, CS5, CS4
A20, CS6, CS5, CS4
CS7, CS6, CS5, CS4
Figure 7. Memory Connections for Four External Devices
Note:
For four external devices, the maximum address space per device is 16M bytes.
EBI
NCS0 - NCS3
NRD
NWRx
A0 - A23
D0 - D15
NCS3
NCS2
NCS1
NCS0
8 or 16
Memory Enable
Memory Enable
Memory Enable
Memory Enable
Output Enable
Write Enable
A0 - A23
D0 - D15 or D0 - D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com