Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5003A Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCD5003A
Description  Enhanced Pager Decoder for POCSAG
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5003A Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCD5003A Datasheet HTML 9Page - NXP Semiconductors PCD5003A Datasheet HTML 10Page - NXP Semiconductors PCD5003A Datasheet HTML 11Page - NXP Semiconductors PCD5003A Datasheet HTML 12Page - NXP Semiconductors PCD5003A Datasheet HTML 13Page - NXP Semiconductors PCD5003A Datasheet HTML 14Page - NXP Semiconductors PCD5003A Datasheet HTML 15Page - NXP Semiconductors PCD5003A Datasheet HTML 16Page - NXP Semiconductors PCD5003A Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
1999 Jan 08
13
Philips Semiconductors
Product specification
Enhanced Pager Decoder for POCSAG
PCD5003A
Table 9
Call terminator bit identification
Note
1. The DF bit in the call terminator is set:
a) When any call data code-word in the terminating batch was uncorrectable, while in ‘data receive’ mode.
b) When the sync word at the start of the terminating batch did not match the standard POCSAG or a
user-programmed sync word, while in ‘data fail’ mode.
Table 10 Error type identification (note 1)
Note
1. POCSAG code allows a maximum of three bit errors to be detected per code-word.
BITS (MSB TO LSB)
IDENTIFICATION
FT
forced call termination (1 = yes)
S3 to S1
identifier number of last sync word
DF
data fail mode indication (1 = data fail mode); note 1
E3 to E1
detected error type; see Table 10; E3 = 0 in a call terminator
E3
E2
E1
ERROR TYPE
NUMBER OF ERRORS
0
0
0
no errors; correct code-word
0
0
0
1
parity bit in error
1
0
1
0
single bit error
1 + parity
0
1
1
single bit error and parity error
1
1
0
0
not used
1
0
1
4-bit burst error and parity error
3 (e.g. 1101)
1
1
0
2-bit random error
2
1
1
1
uncorrectable code-word
3 or more
Call termination can occur on reception of an address
code-word (or even a message code-word if in enhanced
call termination mode) or when a sync word is not detected
while in the ‘data fail’ mode.
7.19
Receiver and oscillator control
A paging receiver and an RF oscillator circuit can be
controlled independently via enable outputs RXE and ROE
respectively. Their operating periods are optimized
according to the synchronization mode of the decoder.
Each enable signal has its own programmable
establishment time (see Table 11).
7.20
External receiver control and monitoring
An external controller may enable the receiver control
outputs continuously via an I2C-bus command, overruling
the normal enable pattern. Data reception continues
normally. This mode can be left by means of a reset or an
I2C-bus command.
External monitoring of the receiver control output RXE is
possible via bit D6 in the status register, when enabled via
the control register (D2 = 1). Each change of state of
output RXE will generate an external interrupt at output
INT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com