Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5003A Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCD5003A
Description  Enhanced Pager Decoder for POCSAG
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5003A Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCD5003A Datasheet HTML 17Page - NXP Semiconductors PCD5003A Datasheet HTML 18Page - NXP Semiconductors PCD5003A Datasheet HTML 19Page - NXP Semiconductors PCD5003A Datasheet HTML 20Page - NXP Semiconductors PCD5003A Datasheet HTML 21Page - NXP Semiconductors PCD5003A Datasheet HTML 22Page - NXP Semiconductors PCD5003A Datasheet HTML 23Page - NXP Semiconductors PCD5003A Datasheet HTML 24Page - NXP Semiconductors PCD5003A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
1999 Jan 08
21
Philips Semiconductors
Product specification
Enhanced Pager Decoder for POCSAG
PCD5003A
7.33
Received call delay
Call reception causes both the periodic interrupt modulus and the counter register to be reset.
Since the periodic interrupt counter runs for another 2.55 seconds after a reset, the received call delay
(in 1
⁄100 second units) can be determined by reading the counter register.
Table 18 Alert set-up register (04H; write)
Note
1. Bits D7 and D6 correspond to function bits 20 and 21 respectively in the address code-word, which designate the
POCSAG call type as shown in Table 1.
BIT (MSB: D7)
VALUE
DESCRIPTION
D0
0
call alert via cadence register
1
POCSAG call alert (pattern selected by D7, D6)
D1
0
LOW level acoustic alert (ATL), pulsed vibrator alert (25 Hz)
1
HIGH level acoustic alert (ATL + ATH), continuous vibrator alert
D2
0
normal alerts (acoustic and LED)
1
warbled alerts: 16 Hz (LED: on/off, ATL/ATH: alternate fAWH, fAWL)
D3
1
acoustic alerts enable (ATL, ATH)
D4
1
vibrator alert enabled (VIB)
D5
1
LED alert enabled (LED)
D7 and D6(1)
0 0
POCSAG alert pattern FC = 00, see Fig.9(a)
0 1
POCSAG alert pattern FC = 01, see Fig.9(b)
1 0
POCSAG alert pattern FC = 10, see Fig.9(c)
1 1
POCSAG alert pattern FC = 11, see Fig.9(d)
Fig.9 POCSAG alert patterns.
handbook, full pagewidth
MLC251
(a)
(b)
(c)
(d)
0 0
D7, D6
0 1
1 0
1 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com