Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3333 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # P3333
Description  This device is especially designed for full color RGB applications.
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

P3333 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button P3333 Datasheet HTML 2Page - OSRAM GmbH P3333 Datasheet HTML 3Page - OSRAM GmbH P3333 Datasheet HTML 4Page - OSRAM GmbH P3333 Datasheet HTML 5Page - OSRAM GmbH P3333 Datasheet HTML 6Page - OSRAM GmbH P3333 Datasheet HTML 7Page - OSRAM GmbH P3333 Datasheet HTML 8Page - OSRAM GmbH P3333 Datasheet HTML 9Page - OSRAM GmbH P3333 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
KRTB LSLPS1.32
DATASHEET
DATASHEET
6 | Version 1.6 | 2024-01-29
Brightness Groups
● red
Group
Luminous Intensity 1)
Luminous Intensity 1)
I
F = 20 mA
I
F = 20 mA
min.
max.
I
v
I
v
VU
800 mcd
1058 mcd
VV
849 mcd
1120 mcd
VW
900 mcd
1183 mcd
VX
949 mcd
1250 mcd
VY
1000 mcd
1323 mcd
Brightness Groups
● true green
Group
Luminous Intensity 1)
Luminous Intensity 1)
I
F = 20 mA
I
F = 20 mA
min.
max.
I
v
I
v
BT
1902 mcd
2500 mcd
BU
2010 mcd
2646 mcd
BV
2122 mcd
2800 mcd
Brightness Groups
● blue
Group
Luminous Intensity 1)
Luminous Intensity 1)
I
F = 20 mA
I
F = 20 mA
min.
max.
I
v
I
v
TX
377 mcd
500 mcd
TY
400 mcd
529 mcd
TZ
424 mcd
560 mcd
US
450 mcd
594 mcd
UT
474 mcd
630 mcd
UU
500 mcd
669 mcd
UV
529 mcd
710 mcd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com