Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3333 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # P3333
Description  This device is especially designed for full color RGB applications.
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

P3333 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button P3333 Datasheet HTML 7Page - OSRAM GmbH P3333 Datasheet HTML 8Page - OSRAM GmbH P3333 Datasheet HTML 9Page - OSRAM GmbH P3333 Datasheet HTML 10Page - OSRAM GmbH P3333 Datasheet HTML 11Page - OSRAM GmbH P3333 Datasheet HTML 12Page - OSRAM GmbH P3333 Datasheet HTML 13Page - OSRAM GmbH P3333 Datasheet HTML 14Page - OSRAM GmbH P3333 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
KRTB LSLPS1.32
DATASHEET
DATASHEET
11 | Version 1.6 | 2024-01-29
Relative Spectral Emission 6)
I
rel = f (λ); IF = 20 mA; TS = 25 °C
KRTB LSLPS1.32
350
400
450
500
550
600
650
700
750
800
λ /nm
0.0
0.2
0.4
0.6
0.8
1.0
Irel
:Vλ
:red
:truegreen
:blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com