Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3333 Datasheet (PDF) - OSRAM GmbH

P3333 Datasheet PDF - OSRAM GmbH
Part # P3333
Download  P3333 Download
File Size   2315.93 Kbytes
Page   31 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description This device is especially designed for full color RGB applications.

P3333 Datasheet (PDF)

Go To PDF Page Download Datasheet
P3333 Datasheet PDF - OSRAM GmbH

Part # P3333
Download  P3333 Click to download

File Size   2315.93 Kbytes
Page   31 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description This device is especially designed for full color RGB applications.

P3333 Datasheet (HTML) - OSRAM GmbH


P3333 Product details

Features
- Package: white PLCC-6 package, diffused silicone resin, black surface
- Chip technology: Thinfilm / UX:3 / InGaN on Sapphire
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 621 nm (● red); λdom = 532 nm (● true green); λdom = 467 nm (● blue)
- ESD: 500 V acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 1B)





Similar Part No. - P3333

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
P3333 OSRAM-P3333 Datasheet
2Mb / 28P
This device is especially designed for full color RG applications.
Version 1.2 2024-01-29
logo
3M Electronics
P33330AA 3M-P33330AA Datasheet
2Mb / 62P
Solutions for Enterprise Networks
More results


Similar Description - P3333

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
LF819EMBGMBC KINGBRIGHT-LF819EMBGMBC Datasheet
288Kb / 3P
10mm FULL COLOR RGB LAMPS
logo
Fairchild Semiconductor
MMBTA92 FAIRCHILD-MMBTA92 Datasheet
887Kb / 14P
This device is designed for high voltage driver applications.
logo
KODENSHI_AUK CORP.
LM618 KODENSHI-LM618 Datasheet
293Kb / 1P
High-Brightness RGB Full Color
LM803 KODENSHI-LM803 Datasheet
290Kb / 1P
High-Brightness RGB Full Color
logo
TT Electronics.
OVSRRGBCC3 TTELEC-OVSRRGBCC3 Datasheet
1Mb / 7P
Full-color RGB
OVSRRGBCC3TM TTELEC-OVSRRGBCC3TM Datasheet
1Mb / 7P
Full-color RGB
logo
ams AG
KRTBLFLP71.32 AMSCO-KRTBLFLP71.32 Datasheet
1Mb / 31P
This device is especially designed for full color video walls.
Version 1.1 2021-12-06
KRTBID2LM31.31 AMSCO-KRTBID2LM31.31 Datasheet
3Mb / 39P
This device is especially designed for automotive interior applications requesting high dynamic RGB lighting scenarios.
Version 1.0 2023-07-26
KRTBLFLM71.32 AMSCO-KRTBLFLM71.32 Datasheet
2Mb / 28P
This device is especially designed for full color video walls.
Version 1.3 2022-05-31
LTRBR37G AMSCO-LTRBR37G Datasheet
2Mb / 32P
This device was designed for low profile consumer applications.
Version 1.3 2022-05-05
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com