Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3333 Datasheet (PDF) - OSRAM GmbH

P3333 Datasheet PDF - OSRAM GmbH
Part # P3333
Download  P3333 Download
File Size   2130.08 Kbytes
Page   28 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description This device is especially designed for full color RG applications.

P3333 Datasheet (PDF)

Go To PDF Page Download Datasheet
P3333 Datasheet PDF - OSRAM GmbH

Part # P3333
Download  P3333 Click to download

File Size   2130.08 Kbytes
Page   28 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description This device is especially designed for full color RG applications.

P3333 Datasheet (HTML) - OSRAM GmbH


P3333 Product details

Features
- Package: white PLCC-6 package, diffused silicone resin, black surface
- Chip technology: Thinfilm / UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 621 nm (● red); λdom = 532 nm (● true green)
- ESD: 500 V acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 1B)





Similar Part No. - P3333

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
P3333 OSRAM-P3333 Datasheet
2Mb / 31P
This device is especially designed for full color RGB applications.
Version 1.6 2024-01-29
logo
3M Electronics
P33330AA 3M-P33330AA Datasheet
2Mb / 62P
Solutions for Enterprise Networks
More results


Similar Description - P3333

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C2383 ETC1-C2383 Datasheet
177Kb / 1P
The C2383 is designed for color TV class B sound output applications
logo
SanRex Corporation
TMG40C60J SANREX-TMG40C60J Datasheet
73Kb / 2P
designed for full wave AC control applications
TMG40C60L SANREX-TMG40C60L Datasheet
57Kb / 2P
designed for full wave AC control applications
logo
JMK Inc.
HH-1199-6D JMK-HH-1199-6D Datasheet
204Kb / 1P
This filter was designed especially for power supply modules with power factor correction.
logo
Fairchild Semiconductor
MMBTA92 FAIRCHILD-MMBTA92 Datasheet
887Kb / 14P
This device is designed for high voltage driver applications.
logo
Power System Technology
FAB0307015 PST-FAB0307015 Datasheet
211Kb / 3P
This range of power supplies is specially designed for DIN Rail mounting applications
logo
ams AG
KRTBLFLP71.32 AMSCO-KRTBLFLP71.32 Datasheet
1Mb / 31P
This device is especially designed for full color video walls.
Version 1.1 2021-12-06
KRTBID2LM31.31 AMSCO-KRTBID2LM31.31 Datasheet
3Mb / 39P
This device is especially designed for automotive interior applications requesting high dynamic RGB lighting scenarios.
Version 1.0 2023-07-26
KRTBLFLM71.32 AMSCO-KRTBLFLM71.32 Datasheet
2Mb / 28P
This device is especially designed for full color video walls.
Version 1.3 2022-05-31
LTRBR37G AMSCO-LTRBR37G Datasheet
2Mb / 32P
This device was designed for low profile consumer applications.
Version 1.3 2022-05-05
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com