Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LERTDUWS2WM Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LERTDUWS2WM
Description  Compact lightsource in SMT technology, glass window on top, RoHS compliant
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LERTDUWS2WM Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LERTDUWS2WM Datasheet HTML 3Page - OSRAM GmbH LERTDUWS2WM Datasheet HTML 4Page - OSRAM GmbH LERTDUWS2WM Datasheet HTML 5Page - OSRAM GmbH LERTDUWS2WM Datasheet HTML 6Page - OSRAM GmbH LERTDUWS2WM Datasheet HTML 7Page - OSRAM GmbH LERTDUWS2WM Datasheet HTML 8Page - OSRAM GmbH LERTDUWS2WM Datasheet HTML 9Page - OSRAM GmbH LERTDUWS2WM Datasheet HTML 10Page - OSRAM GmbH LERTDUWS2WM Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LE RTDUW S2WM
DATASHEET
DATASHEET
7 | Version 1.6 | 2022-08-22
W
Waavveelleennggtthh G
Grroouuppss 33))
●
true green
Group
Dominant wavelength 3)
IF = 700 mA
min.
λdom
Dominant wavelength 3)
IF = 700 mA
max.
λdom
3
521 nm
527 nm
4
527 nm
533 nm
5
521 nm
528 nm
6
526 nm
533 nm
W
Waavveelleennggtthh G
Grroouuppss 33))
●
deep blue
Group
Dominant wavelength 3)
min.
λdom
Dominant wavelength 3)
max.
λdom
3
449 nm
453 nm
4
453 nm
457 nm
5
452 nm
458 nm
C
Chhrroom
maattiicciittyy C
Coooorrddiinnaattee G
Grroouuppss 22))
●
ultra white
Group
Cx
Cy
CQ
0.3190
0.3507
0.3267
0.3370
0.3107
0.3043
0.3020
0.3178
Group
CCT
Center
Cx
Center
Cy
4step
a
4step
b
61
6100K
0.3196
0.3343
0.0120
0.0075
54.7
67
6700K
0.3114
0.3190
0.0121
0.0071
56.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com