Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LERTDUWS2WM Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LERTDUWS2WM
Description  Compact lightsource in SMT technology, glass window on top, RoHS compliant
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LERTDUWS2WM Datasheet(HTML) 3 Page - OSRAM GmbH

  LERTDUWS2WM Datasheet HTML 1Page - OSRAM GmbH LERTDUWS2WM Datasheet HTML 2Page - OSRAM GmbH LERTDUWS2WM Datasheet HTML 3Page - OSRAM GmbH LERTDUWS2WM Datasheet HTML 4Page - OSRAM GmbH LERTDUWS2WM Datasheet HTML 5Page - OSRAM GmbH LERTDUWS2WM Datasheet HTML 6Page - OSRAM GmbH LERTDUWS2WM Datasheet HTML 7Page - OSRAM GmbH LERTDUWS2WM Datasheet HTML 8Page - OSRAM GmbH LERTDUWS2WM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LE RTDUW S2WM
DATASHEET
DATASHEET
3 | Version 1.6 | 2022-08-22
O
Orrddeerriinngg IInnffoorrm
maattiioonn
Type
Brightness 1)
Ordering Code
LERTDUWS2WM-JBLA-1+LBMA-P+4V5A-P+MBNA-CQ
Q65112A2120
●
red
●
ΦV = 56 ... 140 lm (IF = 700 mA)
●
true green
●
ΦV = 140 ... 224 lm (IF = 700 mA)
●
deep blue
●
ΦE = 1000 ... 1250 mW (IF = 700 mA)
●
ultra white
●
ΦV = 224 ... 355 lm (IF = 700 mA)
LERTDUWS2WM-KAKB-1+LBMA-P+4V5A-P+MBNA-CQ
Q65113A2305
●
red
●
ΦV = 71 ... 112 lm (IF = 700 mA)
●
true green
●
ΦV = 140 ... 224 lm (IF = 700 mA)
●
deep blue
●
ΦE = 1000 ... 1250 mW (IF = 700 mA)
●
ultra white
●
ΦV = 224 ... 355 lm (IF = 700 mA)
LERTDUWS2WM-JBKB-1+LBMA-C+4V-T+MB-P
Q65113A2306
●
red
●
ΦV = 56 ... 112 lm (IF = 700 mA)
●
true green
●
ΦV = 140 ... 224 lm (IF = 700 mA)
●
deep blue
●
ΦE = 1000 ... 1120 mW (IF = 700 mA)
●
ultra white
●
ΦV = 224 ... 280 lm (IF = 700 mA)
Q65112A2120 and Q65113A2305 contain
true green
3+4 and
deep blue
3+4 dominant wavelength and
ultra white
CQ color coordinate bins
Q65113A2306 contains
true green
5+6
deep blue
3+5
dominant wavelength and
ultra white
61+67 color coordinate bins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com