Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LERTDUWS2WM Datasheet(PDF) 16 Page - OSRAM GmbH

Part # LERTDUWS2WM
Description  Compact lightsource in SMT technology, glass window on top, RoHS compliant
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LERTDUWS2WM Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button LERTDUWS2WM Datasheet HTML 12Page - OSRAM GmbH LERTDUWS2WM Datasheet HTML 13Page - OSRAM GmbH LERTDUWS2WM Datasheet HTML 14Page - OSRAM GmbH LERTDUWS2WM Datasheet HTML 15Page - OSRAM GmbH LERTDUWS2WM Datasheet HTML 16Page - OSRAM GmbH LERTDUWS2WM Datasheet HTML 17Page - OSRAM GmbH LERTDUWS2WM Datasheet HTML 18Page - OSRAM GmbH LERTDUWS2WM Datasheet HTML 19Page - OSRAM GmbH LERTDUWS2WM Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LE RTDUW S2WM
DATASHEET
DATASHEET
16 | Version 1.6 | 2022-08-22
Relative Luminous Flux 4)
Φ
v/Φv(25 °C) = f(Tj); IF = 700 mA
LE RTDUW S2WM
Tj /°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Φv
Φv(25°C)
:red
Relative Luminous Flux 4)
Φ
v/Φv(25 °C) = f(Tj); IF = 700 mA
LE RTDUW S2WM
Tj /°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φv
Φv(25°C)
:truegreen
Relative Radiant Power 4)
Φ
E/ΦE(25 °C) = f(Tj); IF = 700 mA
LE RTDUW S2WM
-40-20 020406080 100 120
Tj /°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φe
Φe (25°C)
: deep blue
Relative Luminous Flux 4)
Φ
v/Φv(25 °C) = f(Tj); IF = 700 mA
LE RTDUW S2WM
-40-20
020406080 100 120
Tj /°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φv
Φv(25°C)
:ultra white



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com