Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7014C Datasheet(PDF) 10 Page - OSRAM GmbH

Part # SFH7014C
Description  Multi Chip LED
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7014C Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button SFH7014C Datasheet HTML 6Page - OSRAM GmbH SFH7014C Datasheet HTML 7Page - OSRAM GmbH SFH7014C Datasheet HTML 8Page - OSRAM GmbH SFH7014C Datasheet HTML 9Page - OSRAM GmbH SFH7014C Datasheet HTML 10Page - OSRAM GmbH SFH7014C Datasheet HTML 11Page - OSRAM GmbH SFH7014C Datasheet HTML 12Page - OSRAM GmbH SFH7014C Datasheet HTML 13Page - OSRAM GmbH SFH7014C Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
SFH 7014C
DATASHEET
DATASHEET
10 | Version 1.0 | 2023-02-09
Relative Radiant Intensity 8), 9)
● green: I
e/Ie(20mA) = f (IF); single pulse; tp = 100 µs
5
10
50
100
[ ]
0.3
0.4
0.5
1
2
3
4
5
10
Relative Radiant Intensity 8), 9)
● red: I
e/Ie(20mA) = f (IF); single pulse; tp = 100 µs
5
10
50
100
[
]
0.1
0.5
1
5
10
Relative Radiant Intensity 8), 9)
● infrared (850 nm): I
e/Ie(20mA) = f (IF); s.p.; tp = 100 µs
10-3
0.005
0.01
0.05
0.1
0.5
[ ]
0.05
0.1
0.5
1
5
10
Relative Radiant Intensity 8), 9)
● infrared (940 nm): I
e/Ie(20mA) = f (IF); s.p.; tp = 100 µs
OHF05669
3
10
Ι
e
(20 mA)
e
Ι
F
I
102
1
10
100
mA
10-2
10-1
100
101
2
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com