Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7014C Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH7014C
Description  Multi Chip LED
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7014C Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH7014C Datasheet HTML 1Page - OSRAM GmbH SFH7014C Datasheet HTML 2Page - OSRAM GmbH SFH7014C Datasheet HTML 3Page - OSRAM GmbH SFH7014C Datasheet HTML 4Page - OSRAM GmbH SFH7014C Datasheet HTML 5Page - OSRAM GmbH SFH7014C Datasheet HTML 6Page - OSRAM GmbH SFH7014C Datasheet HTML 7Page - OSRAM GmbH SFH7014C Datasheet HTML 8Page - OSRAM GmbH SFH7014C Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
SFH 7014C
DATASHEET
DATASHEET
2 | Version 1.0 | 2023-02-09
Multi Chip LED
SFH 7014C
Green (530 nm), Red (655 nm),
Infrared Emitter (850 nm)
and Infrared Emitter (940 nm)
Applications
- Digital Diagnostic Devices
- Vital Sign Monitoring
Features
- Package: clear silicone
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- SMT package
- Suitable for SMT assembly
- Available on tape and reel
- Emitters can be controlled separately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com